Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF2495C Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF2495C
Description  IntelliMAX 28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2495C Datasheet(HTML) 2 Page - ON Semiconductor

  FPF2495C Datasheet HTML 1Page - ON Semiconductor FPF2495C Datasheet HTML 2Page - ON Semiconductor FPF2495C Datasheet HTML 3Page - ON Semiconductor FPF2495C Datasheet HTML 4Page - ON Semiconductor FPF2495C Datasheet HTML 5Page - ON Semiconductor FPF2495C Datasheet HTML 6Page - ON Semiconductor FPF2495C Datasheet HTML 7Page - ON Semiconductor FPF2495C Datasheet HTML 8Page - ON Semiconductor FPF2495C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FPF2495C
www.onsemi.com
2
ORDERING INFORMATION
Part Number
Top Mark
Manufacturing
Operating
Temperature Range
Package
Shipping†
FPF2495CUCX
T5
Multiple Assembly &
Test Sites
−40 to 85°C
WLCSP9 1.21x1.21x0.586
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
APPLICATION DIAGRAM
AP
FPF2495C
Vout
Vin
ON
GND
OCP
FLAGB
ISET
Battery
IO
IO
OTG
Device
Rpull−up
VIO
5 V Boost
C IN
USB
Connector
C OUT
Figure 1. Typical Application
NOTE:
1. CIN and COUT capacitors recommended for improvement of device stability.
FUNCTIONAL BLOCK DIAGRAM
HV Power Device
Current
Limit
Charge
Pump
Thermal
Shutdown
Control Logic
TRCB
OVP
UVLO
VIN
VOUT
ISET
OC FLAGB
ON
GND
FPF2495C
IntelliMAX
Figure 2. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com