Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LMV321
Description  Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV321 Datasheet(HTML) 4 Page - ON Semiconductor

  LMV321 Datasheet HTML 1Page - ON Semiconductor LMV321 Datasheet HTML 2Page - ON Semiconductor LMV321 Datasheet HTML 3Page - ON Semiconductor LMV321 Datasheet HTML 4Page - ON Semiconductor LMV321 Datasheet HTML 5Page - ON Semiconductor LMV321 Datasheet HTML 6Page - ON Semiconductor LMV321 Datasheet HTML 7Page - ON Semiconductor LMV321 Datasheet HTML 8Page - ON Semiconductor LMV321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LMV321, NCV321, LMV358, LMV324
www.onsemi.com
4
2.7 V DC ELECTRICAL CHARACTERISTICS (Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 2.7 V,
RL = 1 MW, V= 0 V, VO = V+/2)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Offset Voltage
VIO
TA = TLow to THigh (Note 4)
1.7
9
mV
Input Offset Voltage Average Drift
ICVOS
TA = TLow to THigh (Note 4)
5
mV/°C
Input Bias Current
IB
TA = TLow to THigh (Note 4)
<1
nA
Input Offset Current
IIO
TA = TLow to THigh (Note 4)
<1
nA
Common Mode Rejection Ratio
CMRR
0 V v VCM v 1.7 V
50
63
dB
Power Supply Rejection Ratio
PSRR
2.7 V v V+ v 5 V,
VO = 1 V
50
60
dB
Input Common−Mode Voltage Range
VCM
For CMRR w 50 dB
0 to 1.7
−0.2 to 1.9
V
Output Swing
VOH
RL = 10 kW to 1.35 V
VCC − 100
VCC − 10
mV
VOL
RL = 10 kW to 1.35 V (Note 5)
60
180
mV
Supply Current
LMV321, NCV321
LMV358/LMV358I (Both Amplifiers)
LMV324 (4 Amplifiers)
ICC
80
140
260
185
340
680
mA
2.7 V AC ELECTRICAL CHARACTERISTICS (Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 2.7 V,
RL = 1 MW, V= 0 V, VO = V+/2)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Gain Bandwidth Product
GBWP
CL = 200 pF
1
MHz
Phase Margin
Qm
60
°
Gain Margin
Gm
10
dB
Input−Referred Voltage Noise
en
f = 50 kHz
50
nV/√Hz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. For LMV321, LMV358, LMV324: TA = −40°C to +85°C
For LMV321I, LMV358I, NCV321: TA = −40°C to +125°C.
5. Guaranteed by design and/or characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com