Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTD08035 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DTD08035
Description  Threshold Detector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DTD08035 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DTD08035 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DTD08035
FEATURES
• 10-1500 MHz
• Detects from -25 dBm
• 0.8 dB Hysteresis
• Temperature Compensated
• 14 Pin Flatpack
Threshold Detector
D AICO Industr ies
TD
274
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DTD08035

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DTD08052 DAICO-DTD08052 Datasheet
127Kb / 1P
Threshold Detector
More results

Similar Description - DTD08035

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CTD05076 DAICO-CTD05076 Datasheet
126Kb / 1P
Threshold Detector
DTD01999 DAICO-DTD01999 Datasheet
115Kb / 1P
Threshold Detector
DTD05080 DAICO-DTD05080 Datasheet
128Kb / 1P
Threshold Detector
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
Threshold Detector
DTD08052 DAICO-DTD08052 Datasheet
127Kb / 1P
Threshold Detector
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
Threshold Detector
TMJ9904 SPECTRUM-TMJ9904 Datasheet
246Kb / 1P
Threshold Detector
logo
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
THRESHOLD DETECTOR
TMJ9912 APITECH-TMJ9912 Datasheet
70Kb / 1P
THRESHOLD DETECTOR
TMJ9902 APITECH-TMJ9902 Datasheet
101Kb / 1P
THRESHOLD DETECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com