Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6320TG Datasheet(PDF) 1 Page - Supertex, Inc

Part # TC6320TG
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC6320TG Datasheet(HTML) 1 Page - Supertex, Inc

  TC6320TG Datasheet HTML 1Page - Supertex, Inc TC6320TG Datasheet HTML 2Page - Supertex, Inc TC6320TG Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TC6320
________________________________________________________________________________
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate
"products liability indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices
determined to be defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For
the latest product specifications, refer to the Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or
to the Legal/Disclaimer page on the Supertex website.
Initial Release
N- and P-Channel Enhancement-Mode MOSFET Pair
Features
Integrated gate-source resistor
Integrated gate-source zener diode
Low threshold
Low on-resistance
Independent N- and P-channels
Electrically isolated N- and P-channels
Low input capacitance
Fast switching speeds
Free from secondary breakdowns
Low input and output leakage
Application
High voltage pulsers
Amplifiers
Buffers
Piezoelectric transducer drivers
General purpose line drivers
Logic level interfaces
Absolute Maximum Ratings*
Drain-to-Source Voltage
BVDSS
Drain-to-Gate Voltage
BVDGS
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
*Distance of 1.6mm from case for 10 seconds.
General Description
The Supertex TC6320TG consists of a high voltage low
threshold N-channel and P-channel MOSFET in an SO-8
package. Both MOSFETs have integrated gate-source
resistors and gate-source zener diode clamps which are
desired for high voltage pulser applications. TC6320TG, a
complementary high-speed, high voltage, gate-clamped
N- and P-channel MOSFET pair in a single SO-8
package. The TC6320TG offers 200V breakdown voltage,
2.0A output peak current and low input capacitance. The
2.0A output current capability will minimize rise and fall
times.
The
low
input
capacitance
will
minimize
propagation delay times and also rise and fall times. The
MOSFETs have integrated gate-source resistors and
gate-source zener diode clamps that are desired for high
voltage pulser applications saving board space and
improving performance. It is specifically designed for
applications in medical ultrasound transmitters and non-
destructive evaluation in materials flaw detection, but it
can also be used as an efficient buffer.
Package Option
S1
G1
S2
G2
D2
D2
D1
D1
SO-8 Package
(top view)
N-Channel
P-Channel
1
2
3
45
6
7
8


Similar Part No. - TC6320TG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TC6320TG SUTEX-TC6320TG Datasheet
378Kb / 4P
N- and P- Channel Enhancement-Mode Dual MOSFET
TC6320TG-G SUTEX-TC6320TG-G Datasheet
378Kb / 4P
N- and P- Channel Enhancement-Mode Dual MOSFET
TC6320TG-G SUTEX-TC6320TG-G Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
logo
Microchip Technology
TC6320TGG MICROCHIP-TC6320TGG Datasheet
596Kb / 14P
N-Channel and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
More results

Similar Description - TC6320TG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TC7320 SUTEX-TC7320 Datasheet
218Kb / 5P
Six Pair N- and P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
N & P Pair Enhancement Mode MOSFET
logo
Supertex, Inc
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
logo
SYNC POWER Crop.
SPC6606 SYNC-POWER-SPC6606 Datasheet
590Kb / 9P
N and P Pair Enhancement Mode MOSFET
logo
Supertex, Inc
TC8220 SUTEX-TC8220 Datasheet
585Kb / 6P
Two Pair, N- and P-Channel Enhancement-Mode MOSFET
TC8020 SUTEX-TC8020 Datasheet
684Kb / 8P
Six Pair, N- and P-Channel Enhancement-Mode MOSFET
logo
Microchip Technology
TC6321 MICROCHIP-TC6321 Datasheet
427Kb / 26P
N- and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
TC6320 MICROCHIP-TC6320 Datasheet
596Kb / 14P
N-Channel and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com