Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC489LP5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HMC489LP5
Description  SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMC489LP5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HMC489LP5 Datasheet HTML 1Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 2Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 3Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 4Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 5Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5
5 - 493
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain and Return Loss
Gain vs. Temperature
P1dB vs. Temperature
Psat vs. Temperature
-25
-20
-15
-10
-5
0
5
10
15
8
9
10
11
12
13
14
15
16
17
18
19
S21
S11
S22
FREQUENCY (GHz)
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
11
12
13
14
15
16
17
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
11
12
13
14
15
16
17
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
11
12
13
14
15
16
17
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
26
28
30
32
34
11
12
13
14
15
16
17
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
26
28
30
32
34
11
12
13
14
15
16
17
+25 C
+85 C
-40 C
FREQUENCY (GHz)
HMC489LP5 / 489LP5E
SURFACE MOUNT PHEMT 1 WATT
POWER AMPLIFIER, 12 - 16 GHz
v01.0705



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com