Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 69 Page - Analog Devices

Part # LTM4677
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 69 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 65Page - Analog Devices LTM4677 Datasheet HTML 66Page - Analog Devices LTM4677 Datasheet HTML 67Page - Analog Devices LTM4677 Datasheet HTML 68Page - Analog Devices LTM4677 Datasheet HTML 69Page - Analog Devices LTM4677 Datasheet HTML 70Page - Analog Devices LTM4677 Datasheet HTML 71Page - Analog Devices LTM4677 Datasheet HTML 72Page - Analog Devices LTM4677 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 130 page
background image
LTM4686B
69
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
EMI PERFORMANCE
The SWn pin provides access to the midpoint of the power
MOSFETs in LTM4686B’s power stages.
Connecting an optional series RC network from SWn to
GND can dampen high frequency (~30MHz+) switch node
ringing caused by parasitic inductances and capacitances
in the switched-current paths. The RC network is called
a snubber circuit because it dampens (or “snubs”) the
resonance of the parasitics, at the expense of higher
power loss.
To use a snubber, choose first how much power to allocate
to the task and how much PCB real estate is available to
implement the snubber. For example, if PCB space allows
a low inductance 1W resistor to be used—derated con-
servatively to 600mW (PSNUB)—then the capacitor in the
snubber network (CSW) is computed by Equation 10.
CSW =
PSNUB
VINn(MAX)2 • fSW
(10)
where VINn(MAX) is the maximum input voltage that the
input to the power stage (VINn) will see in the application,
and fSW is the DC/DC converter’s switching frequency
of operation. CSW should be NPO, C0G or X7R-type (or
better) material.
The snubber resistor (RSW) value is then given by
Equation 11.
RSW =
5nH
CSW
(11)
The snubber resistor should be low ESL and capable of
withstanding the pulsed currents present in snubber cir-
cuits. A value between 0.7Ω and 4.2Ω is normal.
SAFETY CONSIDERATIONS
The LTM4686B modules do not provide galvanic isolation
from VIN to VOUT. There is no internal fuse. If required,
a slow blow fuse with a rating twice the maximum input
current needs to be provided to protect each unit from
catastrophic failure.
The fuse or circuit breaker should be selected to limit the
current to the regulator during overvoltage in case of an
internal top MOSFET fault. If the internal top MOSFET fails,
then turning it off will not resolve the overvoltage, thus the
internal bottom MOSFET will turn on indefinitely trying
to protect the load. Under this fault condition, the input
voltage will source very large currents to ground through
the failed internal top MOSFET and enabled internal bot-
tom MOSFET. This can cause excessive heat and board
damage depending on how much power the input voltage
can deliver to this system. A fuse or circuit breaker can be
used as a secondary fault protector in this situation. The
device does support over current and overtemperature
protection.
LAYOUT CHECKLIST/EXAMPLE
The high integration of LTM4686B makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout consid-
erations are still necessary.
• Use large PCB copper areas for high current paths,
including VINn, GND and VOUTn. It helps to minimize
the PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capaci-
tors next to the VINn, GND and VOUTn pins to minimize
high frequency noise.
• Place a dedicated power ground layer underneath the
module.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com