Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6211MF Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6211MF
Description  Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6211MF Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM6211MF Datasheet HTML 1Page - National Semiconductor (TI) LM6211MF Datasheet HTML 2Page - National Semiconductor (TI) LM6211MF Datasheet HTML 3Page - National Semiconductor (TI) LM6211MF Datasheet HTML 4Page - National Semiconductor (TI) LM6211MF Datasheet HTML 5Page - National Semiconductor (TI) LM6211MF Datasheet HTML 6Page - National Semiconductor (TI) LM6211MF Datasheet HTML 7Page - National Semiconductor (TI) LM6211MF Datasheet HTML 8Page - National Semiconductor (TI) LM6211MF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
V
IN Differential
±0.3V
Supply Voltage (V
S =V
+ –V−)
25V
Voltage at Input/Output pins
V
+ +0.3V, V− −0.3V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 3)
+150˚C
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering Lead Temp. (10 sec)
260˚C
Operating Ratings (Note 1)
Temperature Range
−40˚C to +125˚C
Supply Voltage (V
S =V
+ –V−)
5Vto24V
Package Thermal Resistance (
θ
JA (Note 3))
5-Pin SOT23
178˚C/W
5V Electrical Characteristics (Note 4)
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 5V, V− = 0V, V
CM =VO =V
+/2. Boldface limits apply
at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = 0.5V
0.1
±2.5
±2.8
mV
TC V
OS
Input Offset Average Drift
V
CM = 0.5V (Note 7)
2
µV/C
I
B
Input Bias Current
V
CM = 0.5V (Notes 8, 9)
0.5
5
10
pA
nA
I
OS
Input Offset Current
V
CM = 0.5V
0.1
pA
CMRR
Common Mode Rejection
Ratio
0V
≤ V
CM
≤ 3V
0.4 V
≤ V
CM
≤ 2.3 V
83
70
98
dB
PSRR
Power Supply Rejection Ratio
V
+ = 5V to 24V, V
CM = 0.5V
85
78
98
dB
V
+ = 4.5V to 25V, V
CM = 0.5V
80
95
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 65 dB
CMRR
≥ 60 dB
0
0
3.3
2.4
V
A
VOL
Large Signal Voltage Gain
V
O = 0.35V to 4.65, RL =2k
Ω to V+/2
82
80
110
dB
V
O = 0.25V to 4.75, RL =10k
Ω to V+/2
85
82
110
V
O
Output Swing High
R
L =2k
Ω to V+/2
50
150
165
mV from
rail
R
L =10k
Ω to V+/2
20
85
90
Output Swing Low
R
L =2k
Ω to V+/2
39
150
170
R
L =10k
Ω to V+/2
13
85
90
I
OUT
Output Short Circuit Current
Sourcing to V
+/2
V
ID = 100 mV (Note 10)
13
10
16
mA
Sinking to V
+/2
V
ID = −100 mV (Note 10)
20
10
30
I
S
Supply Current
0.96
1.10
1.25
mA
SR
Slew Rate
A
V = +1, 10% to 90% (Note 11)
5.5
V/µs
GBW
Gain Bandwidth Product
17
MHz
e
n
Input-Referred Voltage Noise
f = 10 kHz
5.5
nV/
f = 1 kHz
6.0
i
n
Input-Referred Current Noise
f = 1 kHz
0.01
pA/
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com