Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93AF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFR93AF
Description  Silicon NPN Planar RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFR93AF Datasheet(HTML) 2 Page - Vishay Siliconix

  BFR93AF Datasheet HTML 1Page - Vishay Siliconix BFR93AF Datasheet HTML 2Page - Vishay Siliconix BFR93AF Datasheet HTML 3Page - Vishay Siliconix BFR93AF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number 85099
Rev. 2, 23-Sep-02
www.vishay.com
2
VISHAY
BFR93AF
Vishay Semiconductors
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Emitter-base cut-off current
VEB = 2 V, IC = 0
IEBO
10
µA
Collector-emitter breakdown
voltage
IC = 1 mA, IB = 0
V(BR)CEO
12
V
Collector-emitter saturation
voltage
IC = 50 mA, IB = 5 mA
VCEsat
0.1
0.4
V
DC forward current transfer ratio
VCE = 5 V, IC = 30 mA
hFE
40
90
150
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
VCE = 5 V, IC = 30 mA, f = 500 MHz
fT
6
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.45
pF
Collector-emitter capacitance
VCE = 5 V, f = 1 MHz
Cce
0.2
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
1.5
pF
Noise figure
VCE = 8 V, IC = 5 mA, ZS = 50 Ω, f
= 800 MHz
F
1.6
dB
VCE = 8 V, IC = 25 mA, ZS = 50 Ω,
f = 800 MHz
F
2.1
dB
Power gain
VCE = 8 V, ZS = 50 Ω, ZL = ZLopt, IC
= 25 mA, f = 800 MHz
Gpe
15
dB
Transducer gain
VCE = 8 V, IC = 25 mA, f = 800
MHz, ZO = 50 Ω
|S21e|
2
14
dB
Linear output voltage - two tone
intermodulation test
VCE = 8 V, IC = 25 mA, dIM = 60 dB,
f1 = 806 MHz, f2 = 810 MHz, ZS =
ZL = 50 Ω
V1 = V2
260
mV
Third order intercept point
VCE = 8 V, IC = 25 mA, f = 800 MHz
IP3
31
dBm
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com