Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAMD9224 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CAMD9224
Description  Driver / HPA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CAMD9224 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CAMD9224 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. 3 / Iss. 1
MODEL NO.
CAMD9224
Driver / HPA
FEAT URES
1215 - 1400 MHz
11.5 dB Gain Ty p
Status Indicators
Amplitude Tracking ±0.9
Phase Tracking ±13
MFD
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1215
12.5
1400
MHz
Gain
12
13
dB
Peak Power Output
61.5
62
62.5
dBm
PRF +304 Hz PW = 320 µSec
RF Power In
Operate
49.45
49.5
49.55
dBm
No Damage
51.5
dBm
VSWR
In
1.5/1
Out
1.4/1
Amplitude Tracking
±0.9
dB
Phase Tracking
±13
Deg
Harmonics
II
30
dBc
III
35
dBc
Impedance
50
OHMS
Transition (Rise/Fall) Time
TBD
nSec
Pulse Shaping
DC Current
16.0
Amp
At +44 VDC
1.0
Amp
At +5 VDC
Operating Temperature
-20
+25
+55
°CTA
GUARANTEED PERFORMANCE
DA I C O
I ndustries
Advanced
Release
P
J1
J2
SENSOR/LOGIC
D
EA
H
IF
J3
X
B
C
IN
P
OUT
(10.500)
GUIDE
PIN
.250
2X 2.826
4.000
1.000
2X 2.000
CONNECTOR
TNC FEMALE
CONNECTOR
SMA FEMALE
7.000
10.000
10.125
2.000
2X .900
3.0
5.0
10.9
LO PWR
PWR
HI VSWR
OVR TEMP
CAPTIVE FASTENER THREADS 10-32
KEY IN 12:00
POSITION
12.500
11.750
(.375)
(.375)
PART IDENTIFICATION
RF OUT
J2
RF IN
J1
J3
P/N AMP 97 3102A-20-16P
DRIVER / HPA PWR CONN PINOUTS
N/C
LATCH INPUT
GROUND
+44V
VSWR FAULT
OVER TEMP
+5V
H
I
F
G
PEAK OUTPUT PWR
D
C
E
B
A
LOW OUTPUT POWER
MATING PLUG CONNECTOR:
P/N AMP 97-3106A-20-16S (621)


Similar Part No. - CAMD9224

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAMD6254 DAICO-CAMD6254 Datasheet
111Kb / 1P
30 MHz RF Driver Amplifier
More results

Similar Description - CAMD9224

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFP-0850-27-27PS RFHIC-RFP-0850-27-27PS Datasheet
393Kb / 3P
HPA Module
RFP-0895-27-27PS RFHIC-RFP-0895-27-27PS Datasheet
388Kb / 3P
HPA Module
RFP-0850-33-27 RFHIC-RFP-0850-33-27 Datasheet
458Kb / 4P
HPA Module
RFP-0895-33-27 RFHIC-RFP-0895-33-27 Datasheet
494Kb / 4P
HPA Module
RFP-0880-42-27 RFHIC-RFP-0880-42-27 Datasheet
652Kb / 3P
HPA Module
RFP-1882-32-27 RFHIC-RFP-1882-32-27 Datasheet
411Kb / 3P
HPA Module
RFP-1962-32-27 RFHIC-RFP-1962-32-27 Datasheet
411Kb / 3P
HPA Module
RFP-0881-45-27 RFHIC-RFP-0881-45-27 Datasheet
482Kb / 4P
HPA Module
RFP-1960-45-27 RFHIC-RFP-1960-45-27 Datasheet
471Kb / 4P
HPA Module
logo
Analog Devices
HMC7054 AD-HMC7054 Datasheet
283Kb / 8P
Ka-Band HPA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com