Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAMG6201 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CAMG6201
Description  RF Solid State Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CAMG6201 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CAMG6201 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
CAMG6201
RF Solid State Amplifier
FEAT URES
X-Band (5.75 GHz to 10.9 GHz)
Gain 22 dB
Gain Flatness 1 dB Max
Noise Figure 5 dB Max
SMA Connecter
AMP
DA I C O
I ndustries
Rev. 1 / Rev. 1
Advanced
Release
.132
2.090
1.659
.217
.086-56 UNC-28
.250 DP. 4 PLS.
.095
GROUND PIN.
1.850
.775
.380
IN
.375
.510
2.355
.200
+15V (.040 DIA.)
IN
OUT
.975
1.530
1.590
.380
.650
GND
OUT
+15V
RF OUT
RF IN
+15V
GND


Similar Part No. - CAMG6201

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAMG9127 DAICO-CAMG9127 Datasheet
150Kb / 1P
Power Amplifier
More results

Similar Description - CAMG6201

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50S-642 JFW-50S-642 Datasheet
26Kb / 1P
1P1T SOLID STATE RF SWITCH
50S-960 JFW-50S-960 Datasheet
26Kb / 1P
1P12T SOLID STATE RF SWITCH
50S-1163 JFW-50S-1163 Datasheet
26Kb / 1P
1P2T SOLID STATE RF SWITCH
50S-1422 JFW-50S-1422 Datasheet
26Kb / 1P
1P2T SOLID STATE RF SWITCH
50S-1524 JFW-50S-1524 Datasheet
26Kb / 1P
1P6T SOLID STATE RF SWITCH
50S-1559 JFW-50S-1559 Datasheet
26Kb / 1P
1P2T SOLID STATE RF SWITCH
50S-1820 JFW-50S-1820 Datasheet
30Kb / 2P
1P2T SOLID STATE RF SWITCH
50S-1821 JFW-50S-1821 Datasheet
30Kb / 2P
1P2T SOLID STATE RF SWITCH
logo
Teledyne Technologies I...
A4CP18240 TELEDYNE-A4CP18240 Datasheet
135Kb / 2P
SOLID STATE POWER AMPLIFIER
A5P8250 TELEDYNE-A5P8250 Datasheet
892Kb / 2P
SOLID STATE POWER AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com