Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSWX9290 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSWX9290
Description  High Power Antenna Selector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSWX9290 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSWX9290 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. 4 / Iss. 1
MODEL NO.
CSWX9290
High Power Antenna
Selector
FEAT URES
420 - 450 MHz
100 Watt AM
125 Watt FM
MFD
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
420
450
MHz
DC Current
310
350
mA
Insertion Loss
0.25
0.6
dB
Isolation
50
55
dB
Between each Combiner
dB
Input Ports
VSWR
1.13/1
1.25/1
30 - 400
1.13/1
1.35/1
400 - 500
Impedance
50
OHMS
Switching Speed
2
30
mSec
50% TTL to 90% / 10% RF
RF Power
Operate
100
W
AM
125
W
FM
Operating Temperature
°CTA
GUARANTEED PERFORMANCE
DA I C O
I ndustries
Advanced
Release
MAX
1.75
5 PLS
5.50
0.09
±.02
.190-32 UNF-2A THREAD
SOCKET HEAD CAPTIVE SCREW
(.156 HEX DRIVE)
4 PLACES
J4 KEYWAY
1.22
MOUNTING
SURFACE
J3
COM 2
COM 1
J5
UPPER
LOWER
J2
J1
CONN
FUNCTION
2.25
0.25
5.000
0.38
1.500
0.13
2.00
0.63
2.00
4.50
0.43
J3
J2
J5
J1
J4
TNC FEMALE
4 PLACES
CONNECTOR, DC
MS27478Y-10D-13P
CONNECTOR,
PART
IDENTIFICATION
PRIMARY POWER (+28V)
SPARE
PRIMARY POWER RETURN
6
10
8
7
3
5
2
1
J4 CONNECTOR CHART
FUNCTION
PIN
UPPER/LOWER INDICATOR
MODE SELECT
COM 2 TRANSMIT KEY
COM 1 TRANSMIT KEY
9
COM 2 SQUELCH OUTPUT
COM 1 SQUELCH OUTPUT
11
SPARE
SPARE
4
SPARE
12
13
SPARE


Similar Part No. - CSWX9290

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSWX9023 DAICO-CSWX9023 Datasheet
23Kb / 1P
4x5 Switch Matrix
More results

Similar Description - CSWX9290

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4700DY VISHAY-SI4700DY Datasheet
76Kb / 8P
Power Selector Switch
24-Jan-00
logo
DAICO Industries, Inc.
100D0688 DAICO-100D0688 Datasheet
24Kb / 1P
3 Port Antenna Selector
100D0988 DAICO-100D0988 Datasheet
23Kb / 1P
2 Port Antenna Selector
100D1313 DAICO-100D1313 Datasheet
31Kb / 1P
4 Port Antenna Selector
100D1788 DAICO-100D1788 Datasheet
30Kb / 1P
4 Port Antenna Selector
DSWX9078 DAICO-DSWX9078 Datasheet
30Kb / 1P
Antenna Selector 4-Port
100D9288 DAICO-100D9288 Datasheet
44Kb / 1P
Switch Selector UHF Antenna
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
Power Supply Selector Switch
logo
TDK Electronics
HBA-2030 TDK-HBA-2030 Datasheet
1Mb / 2P
High Power Biconical Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com