Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V1S-G-15M-PVC Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # V1S-G-15M-PVC
Description  Cable connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

V1S-G-15M-PVC Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  V1S-G-15M-PVC Datasheet HTML 1Page - Pepperl+Fuchs Inc. V1S-G-15M-PVC Datasheet HTML 2Page - Pepperl+Fuchs Inc. V1S-G-15M-PVC Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cable connector
V1S-G-15M-PVC
< Degree of protection IP68 / IP69
< Specific design protects against loosening and inaccurate
installation
Male cordset single-ended M12 straight A-coded, 4-pin, PVC cable grey
Dimensions
49.1
14
L
Technical Data
General specifications
Connector 1
Connection
plug
Construction type
M12
Style
straight
Locking
screw connection
Number of pins
4
Coding
A-coded
Connector 2
Connection
cable end
Electrical specifications
Operating voltage
UB
max. 250 V AC/DC
Operating current
IB
max. 4 A
Conformity
Degree of protection
EN 60529
Plug connection
connector M12 x 1 : IEC 61076-2-101
Flammability
IEC 60332-2-2
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - V1S-G-15M-PVC

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
V1S-G-15M-PUR PF-V1S-G-15M-PUR Datasheet
756Kb / 3P
Cable connector
2022-03-20
More results

Similar Description - V1S-G-15M-PVC

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
DT3P-G-BK3M-PUR-O1 PF-DT3P-G-BK3M-PUR-O1 Datasheet
887Kb / 3P
Cable connector
2020-09-23
V1S-W-2M-PUR PF-V1S-W-2M-PUR Datasheet
896Kb / 2P
Cable connector
2020-10-23
V1S-G-1M-PUR PF-V1S-G-1M-PUR Datasheet
756Kb / 3P
Cable connector
2022-03-20
V1S-G-BK10M-PUR-U PF-V1S-G-BK10M-PUR-U Datasheet
799Kb / 3P
Cable connector
2022-03-20
V1S-G-BK10M-PVC-U PF-V1S-G-BK10M-PVC-U Datasheet
796Kb / 3P
Cable connector
2022-03-19
V1S-G-BK25M-PUR-U PF-V1S-G-BK25M-PUR-U Datasheet
799Kb / 3P
Cable connector
2022-03-20
V1S-G-BK2M-PVC-U PF-V1S-G-BK2M-PVC-U Datasheet
796Kb / 3P
Cable connector
2022-03-19
V1S-G-S-BK20M-PUR-A PF-V1S-G-S-BK20M-PUR-A Datasheet
952Kb / 3P
Cable connector
2020-12-09
V1S-GV4A-20M-PVC PF-V1S-GV4A-20M-PVC Datasheet
1,019Kb / 3P
Cable connector
2021-04-05
V1S-W-10M-PUR PF-V1S-W-10M-PUR Datasheet
554Kb / 3P
Cable connector
2022-06-23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com