Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBUS051CD-HD1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VBUS051CD-HD1
Description  Low Capacitance, Single-Line ESD Protection Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS051CD-HD1 Datasheet(HTML) 2 Page - Vishay Siliconix

  VBUS051CD-HD1 Datasheet HTML 1Page - Vishay Siliconix VBUS051CD-HD1 Datasheet HTML 2Page - Vishay Siliconix VBUS051CD-HD1 Datasheet HTML 3Page - Vishay Siliconix VBUS051CD-HD1 Datasheet HTML 4Page - Vishay Siliconix VBUS051CD-HD1 Datasheet HTML 5Page - Vishay Siliconix VBUS051CD-HD1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VBUS051CD-HD1
www.vishay.com
Vishay Semiconductors
Not for New Designs
Rev. 1.7, 20-May-2021
2
Document Number: 81195
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION NOTE
The VBUS051CD-HD1 is an ESD protection device with the characteristic of a Z-diode with a high ESD immunity and a very
low capacitance which makes it usable for high frequency applications like USB2.0 or HDMI.
With the VBUS051CD-HD1 one high speed data line can be protected against transient voltage signals like ESD (electro static
discharge). Connected to the data line (pin 2) and to ground (pin 1) negative transients will be clamped close below the ground
level while positive transients will be clamped close above the 5.5 V working range. The clamping behavior of the
VBUS051CD-HD1 is bidirectional but asymmetrical (BiAs) and so it offers the best protection for applications running up to 5 V.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - ESD Discharge Current Wave Form
acc. IEC 61000-4-2 (330
Ω/150 pF)
Fig. 2 - 8/20 μs Peak Pulse Current Wave Form
acc. IEC 61000-4-5
ELECTRICAL CHARACTERISTICS VBUS051CD-HD1
(Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of line which can be protected
Nchannel
-
-
1
lines
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
5.5
V
Reverse voltage
At IR = 0.1 μA
pin 2 to pin 1
VR
5.5
-
-
V
Reverse current
At VR = VRWM = 5.5 V;
pin 2 to pin 1
IR
-
< 0.01
0.1
μA
Reverse breakdown voltage
At IR = 1 mA
pin 2 to pin 1
VBR
6.5
7.6
8.5
V
Reverse clamping voltage
At IPP = 2 A; acc. IEC 61000-4-5
pin 2 to pin 1
VC
--
14
V
Forward clamping voltage
At IF = 2 A; acc. IEC 61000-4-5
pin 1 to pin 2
VF
--
3.5
V
Capacitance
At VR = 0 V; f = 1 MHz
pin 2 to pin 1
CD
-0.6
0.8
pF
2nd line
20557
10
100
1000
10000
0
20
40
60
80
100
120
-10 0
10 20 30 40 50 60 70 80 90 100
Axis Title
t (ns)
Rise time = 0.7 ns to 1 ns
53
27
10
100
1000
10000
0
20
40
60
80
100
010
20
30
40
Axis Title
t (µs)
2nd line
20 µs to 50 %
8 µs to 100 %
20548



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com