Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBUS052BD-HTF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VBUS052BD-HTF
Description  Low Capacitance, 2-Line ESD Protection Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS052BD-HTF Datasheet(HTML) 2 Page - Vishay Siliconix

  VBUS052BD-HTF Datasheet HTML 1Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 2Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 3Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 4Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 5Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VBUS052BD-HTF
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 04-Jan-2018
2
Document Number: 81788
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION NOTE
The VBUS052BD-HTF is a two-line ESD protection device with the characteristic of a Z-diode with a high ESD immunity and a
very low capacitance which makes it usable for high frequency applications like USB2.0 or HDMI.
With the VBUS052BD-HTF two high speed data lines can be protected against transient voltage signals like ESD (electro static
discharge). Connected to the data line (pin 1 and 2) and to ground (pin 3) negative transients will be clamped close below the
ground level while positive transients will be clamped close above the 5 V working range. The clamping behavior of the
VBUS052BD-HTF is bidirectional but asymmetrical (BiAs) and so it offers the best protection for applications running up to 5 V.
Note
• Ratings at 25 °C, ambient temperature unless otherwise specified
TYPICAL CHARACTERISTICS Tamb = 25 °C, unless otherwise specified
Fig. 1 - ESD Discharge Current Wave Form
acc. IEC 61000-4-2 (330
/150 pF)
Fig. 2 - 8/20 μs Peak Pulse Current Wave Form
acc. IEC 61000-4-5
Fig. 3 - Typical Capacitance CD vs. Reverse Voltage VR
Fig. 4 - Typical Forward Current IF vs. Forward Voltage VF
ELECTRICAL CHARACTERISTICS VBUS052BD-HTF
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
-
-
2
lines
Reverse stand-off voltage
at IR = 0.1 μA; pin 1 or pin 2 to pin 3
VRWM
--
5
V
Reverse current
at VR = VRWM = 5 V; pin 1 or pin 2 to pin 3
IR
-
< 0.01
0.1
μA
Reverse breakdown voltage
at IR = 1 mA; pin 1 or pin 2 to pin 3
VBR
6.9
7.9
8.7
V
Reverse clamping voltage
at IPP = 3 A, acc. IEC 61000-4-5;
pin 1 or pin 2 to pin 3
VC
--
16
V
Forward clamping voltage
at IF = 3 A, acc. IEC 61000-4-5;
pin 3 to pin 1 or pin 2
VF
-4.8
6
V
Capacitance
at VR = 0 V; f = 1 MHz; pin 1 or pin 2 to pin 3
CD
-1.5
2.5
pF
0 %
20 %
40 %
60 %
80 %
100 %
120 %
-10 0 10203040 50607080 90 100
Time (ns)
Rise time = 0.7 ns to 1 ns
53 %
27 %
20557
0 %
20 %
40 %
60 %
80 %
100 %
010
20
30
40
Time (µs)
20 µs to 50 %
8 µs to 100 %
20548
0.0
0.5
1.5
2.0
2.5
0123456
V
IN (V)
20942
f = 1 MHz
1.0
0.001
0.01
0.1
1
10
100
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
V
F (V)
20943



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com