Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3673475 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 3673475
Description  Connecting cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

3673475 Datasheet(HTML) 1 Page - Festo Corporation.

  3673475 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Connecting cable
NHSB-A1-0,6-BLG3-LE3-PU8-2XBB
Part number: 3673475
Data sheet
Feature
Value
Protective tube length
0.6 m
Mounting position
Any
Use in exterior area
Weather-protected locations class C1 based on IEC 60654-1
DC operating voltage range
0 V ... 30 V
Relative air humidity
5 - 100 %
Condensing
Degree of protection
IP65
IP67
IP69K
NEMA 4
Ambient temperature
-20 °C ... 60 °C
Ambient temperature with flexible cable installation
-5 °C ... 60 °C
Electrical connection 1
Straight plug, 3-pin
Electrical connection 2
Open end, 3-wire
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible
Pneumatic connection
For pneumatic tubing outside diameter 8 mm
Min. cable bending radius
100 mm
Cable design
3 x 0.75 mm²
Product weight
280 g
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Protective conduit material
PA
Protective conduit fitting material
PA
Material of cable sheath
PVC
Seals material
TPE
7/20/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 3673475

ManufacturerPart #DatasheetDescription
logo
Lumberg
3673 LUMBERG-3673 Datasheet
89Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3673 LUMBERG-3673 Datasheet
380Kb / 3P
RAST 5 connectors, pitch 5.0 mm
logo
Heyco.
3673 HEYCO-3673 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Lumberg
367303 LUMBERG-367303 Datasheet
380Kb / 3P
RAST 5 connectors, pitch 5.0 mm
367304 LUMBERG-367304 Datasheet
380Kb / 3P
RAST 5 connectors, pitch 5.0 mm
More results

Similar Description - 3673475

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
541363 FESTO-541363 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541364 FESTO-541364 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541370 FESTO-541370 Datasheet
90Kb / 2P
Connecting cable
7/18/22
567844 FESTO-567844 Datasheet
91Kb / 2P
Connecting cable
7/18/22
541346 FESTO-541346 Datasheet
85Kb / 2P
Connecting cable
7/19/22
541349 FESTO-541349 Datasheet
84Kb / 2P
Connecting cable
7/19/22
554035 FESTO-554035 Datasheet
93Kb / 2P
Connecting cable
7/19/22
569842 FESTO-569842 Datasheet
84Kb / 2P
Connecting cable
7/19/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com