Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8097421 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8097421
Description  Positioners
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8097421 Datasheet(HTML) 2 Page - Festo Corporation.

  8097421 Datasheet HTML 1Page - Festo Corporation. 8097421 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Cable fitting
2x 1/2 NPT
Max. cable length
30 m for external position sensor
Shielded
Ambient temperature
-40 °C ... 80 °C
Note on ambient temperature
Display: -30 - 80°C
Storage temperature
-40 °C ... 80 °C
Climatic category
1K5 as per EN 60721 for storage
4K3 as per EN 60721 for operation
Degree of protection
IP66
IP67
Shock resistance
Shock test with severity level 1 as per FN 942017-5 and EN 60068-2-27
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Contamination level
3
Certification
RCM compliance mark
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Housing material
Aluminum, powder-coated
Inspection window material
PC
Shaft material
High-alloy stainless steel
Quick-coupling material
High-alloy stainless steel
Material of screws
High-alloy stainless steel
Seals material
EPDM
NBR
VMQ
LABS (PWIS) conformity
VDMA24364 zone III
Note on materials
RoHS-compliant
Product weight
2640 g
7/20/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com