Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8097423 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8097423
Description  Positioners
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8097423 Datasheet(HTML) 1 Page - Festo Corporation.

  8097423 Datasheet HTML 1Page - Festo Corporation. 8097423 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Positioners
CMSH-SE-VDE1-D-A-AL-G14-C1M20-HA
Part number: 8097423
Data sheet
Feature
Value
Structural design
digital, electropneumatic positioner
Mode of operation
Double-acting
Design features
Safety pneumatic output 2 exhausted
Safety pneumatic output 4 pressurized
Mounting position
Any
Type of mounting
With accessories
as per VDI/VDE 3845
Measuring principle of linear potentiometer
external
Display
LCD display, via software 90° rotatable
Setting options
Via display and pushbuttons
Cycle time
20 ms
Nominal altitude of use above sea level
<= 2000 m NHN
Overvoltage category
II
Operating pressure
0.14 MPa ... 0.8 MPa
Operating pressure
1.4 bar ... 8 bar
Operating pressure
20.3 psi ... 116 psi
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Air performance at Δp = 6 bar
270 l/min
Pneumatic connection
G1/4
Reverse polarity protection
yes
Connection resistance
3 kOhm ... 80 kOhm
Analog inputs, signal range
4 – 20 mA with HART
Analog inputs, input impedance
480 ohms at 20 mA
Analog inputs, overload protection
<65 mA
Analog inputs, galvanic isolation
yes
Input characteristics
1x to IEC 61131-2, type 3
Digital inputs, reverse polarity protection
yes
Digital inputs, electrical isolation
yes
Digital inputs, overload protection
33 V
Electrical connection 1, function
Analog input
Digital input
external path/angle sensor
Electrical connection 1, connection type
Terminal strip
Electrical connection 1, connection technology
Spring-loaded terminal
Electrical connection 1, number of pins/wires
7
Cable fitting
2x M20x1.5
7/20/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8097423

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8097420 FESTO-8097420 Datasheet
81Kb / 2P
Positioners
7/20/22
8097421 FESTO-8097421 Datasheet
81Kb / 2P
Positioners
7/20/22
8097425 FESTO-8097425 Datasheet
80Kb / 2P
Positioners
7/20/22
8097426 FESTO-8097426 Datasheet
80Kb / 2P
Positioners
7/20/22
More results

Similar Description - 8097423

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3929312 FESTO-3929312 Datasheet
78Kb / 2P
Valve positioners
3929314 FESTO-3929314 Datasheet
78Kb / 2P
Valve positioners
3929315 FESTO-3929315 Datasheet
77Kb / 2P
Valve positioners
3929540 FESTO-3929540 Datasheet
79Kb / 3P
Valve positioners
8097412 FESTO-8097412 Datasheet
81Kb / 2P
Positioners
7/20/22
8097413 FESTO-8097413 Datasheet
81Kb / 2P
Positioners
7/20/22
8097420 FESTO-8097420 Datasheet
81Kb / 2P
Positioners
7/20/22
8097421 FESTO-8097421 Datasheet
81Kb / 2P
Positioners
7/20/22
8097425 FESTO-8097425 Datasheet
80Kb / 2P
Positioners
7/20/22
8097426 FESTO-8097426 Datasheet
80Kb / 2P
Positioners
7/20/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com