Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AG2104M8R Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # AG2104M8R
Description  MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AG2104M8R Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  AG2104M8R Datasheet HTML 1Page - AiT Semiconductor Inc. AG2104M8R Datasheet HTML 2Page - AiT Semiconductor Inc. AG2104M8R Datasheet HTML 3Page - AiT Semiconductor Inc. AG2104M8R Datasheet HTML 4Page - AiT Semiconductor Inc. AG2104M8R Datasheet HTML 5Page - AiT Semiconductor Inc. AG2104M8R Datasheet HTML 6Page - AiT Semiconductor Inc. AG2104M8R Datasheet HTML 7Page - AiT Semiconductor Inc. AG2104M8R Datasheet HTML 8Page - AiT Semiconductor Inc. AG2104M8R Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AG2104
MOSFET/IGBT GATE DRIVER
HALF-BRIDGE DRIVER
REV1.0
- NOV 2017 RELEASED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
VB, High Side Floating Supply
-0.3V ~ 622V
VS, High Side Floating Supply Return
VB -22V ~ VB +0.3V
VHO, High Side Gate Drive Output
VS -0.3V ~ VB +0.3V
VCC, Low Side and Main Power Supply
-0.3V ~ 22V
VLO, Low Side Gate Drive Output
-0.3V ~ VCC +0.3V
VIN, Logic Input of IN & SD
-0.3V ~ VCC +0.3V
dVS/dt, Allowable Offset Supply Voltage Transient
50V/ns
ESD, HBM Model
2.5kV
ESD, Machine Model
200V
PD, Package Power Dissipation @ TA ≤25°C
SOP8
0.625W
RthJA, Thermal Resistance Junction to Ambient
SOP8
200℃/W
TJ, Junction Temperature
150℃
TS, Storage Temperature
-55℃~150℃
TL, Lead Temperature (Soldering, 10 seconds)
300℃
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Max.
Units
High Side Floating Supply
VB
VS +10
VS +20
V
High Side Floating Supply Return
VS
-
600
V
High Side Gate Drive Output Voltage
VHO
VS
VB
V
Low Side Supply
VCC
10
20
V
Low Side Gate Drive Output Voltage
VLO
0
VCC
V
Logic Input Voltage(IN &
SD )
VIN
0
VCC
V
Ambient Temperature
TA
-40
125



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com