Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2N7002FDWC6VR Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # AM2N7002FDWC6VR
Description  MOSFET 30V SMALL SIGNAL DUAL N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM2N7002FDWC6VR Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  AM2N7002FDWC6VR Datasheet HTML 1Page - AiT Semiconductor Inc. AM2N7002FDWC6VR Datasheet HTML 2Page - AiT Semiconductor Inc. AM2N7002FDWC6VR Datasheet HTML 3Page - AiT Semiconductor Inc. AM2N7002FDWC6VR Datasheet HTML 4Page - AiT Semiconductor Inc. AM2N7002FDWC6VR Datasheet HTML 5Page - AiT Semiconductor Inc. AM2N7002FDWC6VR Datasheet HTML 6Page - AiT Semiconductor Inc. AM2N7002FDWC6VR Datasheet HTML 7Page - AiT Semiconductor Inc. AM2N7002FDWC6VR Datasheet HTML 8Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM2N7002FDW
MOSFET
30V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
- OCT 2015 RELEASED, MAR 2016 UPDATED -
- 4 -
ELECTRICAL CHARACTERISTICS
TJ =25℃, unless Otherwise Specified
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
STATIC
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
30
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250µA
0.8
-
1.5
V
Gate–Body Leakage Current
IGSS
VDS=0V, VGS=±20V
-
-
±10
µA
Zero Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
-
-
1.0
µA
Drain–Source On–ResistanceNOTE3
RDS(on)
VGS=4V, ID=10mA
-
5.0
8.0
Ω
VGS=2.5V, ID=1mA
-
7.0
13
Diode Forward Voltage NOTE3
VSD
IS=200mA, VGS=0V
-
-
1.2
V
DYNAMIC
Total Gate Charge
Qg
VDS=25V, VGS=10V,
ID=0.22A
-
4.9
-
nC
Gate-Source Charge
Qgs
-
2.1
-
Gate-Drain Charge
Qgd
-
0.6
-
Input Capacitance
Ciss
VDS=25V, VGS=0V,
f=1MHz
-
21
-
pF
Output Capacitance
Coss
-
10
-
Reverse Transfer Capacitance
Crss
-
2.0
-
Turn-On Delay Time
td(on)
VDD=5V, RL =500Ω,
VGES=5V,RG=10Ω
-
10.1
-
ns
Turn-On Rise Time
tr
-
7.3
-
Turn-Off Delay Time
td(off)
-
31.3
-
Turn-Off Fall Time
tf
-
28.2
-
NOTE3: Pulse test; pulse width≤300µs, duty cycle≤2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com