Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6512 Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # AM6512
Description  N-CHANNEL ENHANCEMENT MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM6512 Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  AM6512 Datasheet HTML 1Page - AiT Semiconductor Inc. AM6512 Datasheet HTML 2Page - AiT Semiconductor Inc. AM6512 Datasheet HTML 3Page - AiT Semiconductor Inc. AM6512 Datasheet HTML 4Page - AiT Semiconductor Inc. AM6512 Datasheet HTML 5Page - AiT Semiconductor Inc. AM6512 Datasheet HTML 6Page - AiT Semiconductor Inc. AM6512 Datasheet HTML 7Page - AiT Semiconductor Inc. AM6512 Datasheet HTML 8Page - AiT Semiconductor Inc. AM6512 Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM6512
MOSFET
N-CHANNEL ENHANCEMENT MODE
REV2.0
- MAY 2016 RELEASED, MAY 2018 UPDATED -
- 4 -
ELECTRICAL CHARACTERISTICS
TA = 25°C, unless Otherwise Noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, IDS=-250μA
30
-
-
V
Drain-Source Breakdown Voltage
(transient)
BVDSSt
VGS=0V, ID(aval)=40A
Tcase=25°C, ttransient=100ns
34
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=24V, VGS=0V
-
-
1
μA
TJ=85°C
-
-
30
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=250μA
1.3
1.6
2.3
V
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
-
-
±100
nA
Drain-Source On-state
Resistance
RDS(ON)
NOTE5
VGS=10V, IDS=20A
-
1.5
1.9
mΩ
TJ=125°C
-
2.2
-
VGS=4.5V, IDS=12A
-
2.2
3
Forward Transconductance
Gfs
VDS=5V, IDS=15A
-
32
-
S
Diode Characteristics
Diode Forward Voltage
VSDNOTE5 ISD=20A, VGS=0V
-
0.8
1.1
V
Reverse Recovery Time
trr
ISD=20A, dlSD/dt=100A/μs
-
50
-
ns
Charge Time
ta
-
23.5
-
Discharge Time
tb
-
27.5
-
Reverse Recovery Charge
Qrr
-
45
-
nC
Dynamic Characteristics
Gate Resistance
RG
VGS=0V, VDS=0V, f=1MHz
-
0.9
2
Ω
Input Capacitance
Ciss
VGS=0V,
VDS=15V,
Frequency=1.0MHz
-
2820 3666
pF
Output Capacitance
Coss
-
1910 2674
Reverse Transfer Capacitance
Crss
-
140
210
Turn-on Delay Time
td(ON)
VDD=15V, RL=15Ω,
IDS=1A, VGEN=10V,
RG=6Ω
-
15.5
-
ns
Turn-on Rise Time
tr
-
11
-
Turn-off Delay Time
td(OFF)
-
35
-
Turn-off Fall Time
tf
-
40
-
Gate Charge Characteristics
Total Gate Charge
Qg
VDS=15V, VGS=10V,
IDS=20A
-
44.5
57.8
nC
Total Gate Charge
Qg
VDS=15V, VGS=4.5V,
IDS=20A
-
21.2
-
Threshold Gate Charge
Qgth
-
2.9
-
Gate-Source Charge
Qgs
-
4.3
-
Gate-Drain Charge
Qgd
-
8.3
-
NOTE5: Pulse test ; pulse width≤300us, duty cycle≤2%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com