Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO2170 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # AO2170
Description  36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AO2170 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  AO2170 Datasheet HTML 1Page - AiT Semiconductor Inc. AO2170 Datasheet HTML 2Page - AiT Semiconductor Inc. AO2170 Datasheet HTML 3Page - AiT Semiconductor Inc. AO2170 Datasheet HTML 4Page - AiT Semiconductor Inc. AO2170 Datasheet HTML 5Page - AiT Semiconductor Inc. AO2170 Datasheet HTML 6Page - AiT Semiconductor Inc. AO2170 Datasheet HTML 7Page - AiT Semiconductor Inc. AO2170 Datasheet HTML 8Page - AiT Semiconductor Inc. AO2170 Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AO2170
OP AMPLIFIER
36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
REV1.0
- JUL 2021 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The AO2170 offers high voltage (36V), cost-optimized
operation amplifier. AO2170 also offers strong
general-purpose DC and AC specifications, including
rail-to-rail output, low offset, low offset drift and
1.2MHz bandwidth.
Convenient features such as wide differential input
voltage range, high output current, and high slew rate
of 0.67V/us make the AO2170 a robust operational
amplifier for high-voltage, cost-effective applications.
as well as excellent speed/power consumption ratio,
providing an excellent bandwidth (1.2MHz) and slew
rate of 0.67V/us. The op-amps are unity gain stable
and feature an ultra- low input bias current.
The AO2170 is stable at capacitance up to 100pF
(Typ) and operation under single power supplies of 3V
to 36V or dual power supplies of ±1.5V to ±18V.
The AO2170 is available in SOP8 and MSOP8
packages.
ORDERING INFORMATION
Package Type
Part Number
SOP8
SPQ: 4,000pcs/Reel
M8
AO2170M8R
AO2170M8VR
MSOP8
SPQ: 4,000pcs/Reel
MS8
AO2170MS8R
AO2170MS8VR
Note
V: Halogen free Package
R: Tape & Reel
AiT provides all RoHS products
Low Offset Voltage: ±0.8mV (Typical)
Low Offset Voltage Drift: ±3uV/°C
Low Noise: 45nV/√Hz at 1kHz
High Common-Mode Rejection Ratio: 110dB
Low Bias Current: ±10pA
Rail-to-Rail Output
Wide Bandwidth:1.2MHz GBW
High Slew Rate: 0.67V/us
Low Quiescent Current:150uA per Amplifier
Supply Range: +3V to +36V
Available in SOP8 and MSOP8 packages
APPLICATION
Merchant Network and Server PSU
Industrial AC-DC & Merchant DC/DC
Motor Drives: AC and Servo Drive Power
Supplies
Building Automation
Sensors
Photodiode Amplification
Active Filters
Test Equipment
TYPICAL APPLICATION
SOP8/MSO8


Similar Part No. - AO2170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO211 ETC-AO211 Datasheet
9Kb / 1P
AO211 is an AND / OR circuit providing the logical function Q = (A.BCD).
More results

Similar Description - AO2170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APC308 ETC-APC308 Datasheet
198Kb / 15P
Rail to Rail Output CMOS Operating Amplifier
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Analog Devices
AD8698 AD-AD8698_15 Datasheet
323Kb / 20P
Dual Precision, Rail-to-Rail Output
REV. 0
logo
Global Mixed-mode Techn...
G1337 GMT-G1337 Datasheet
80Kb / 1P
Dual Rail-to-Rail CMOS Comparators with Open- Drain Output
logo
Texas Instruments
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8091 HMSEMI-HM8091 Datasheet
4Mb / 20P
350MHZ CMOS Rail-to-Rail Output Opamps
HM8091092N HMSEMI-HM8091092N Datasheet
4Mb / 20P
350MHZ CMOS Rail-to-Rail Output Opamps
logo
AiT Semiconductor Inc.
AO1170 AITSEMI-AO1170 Datasheet
459Kb / 8P
36V, 1.2MHz, SINGLE, RAIL-TO-RAIL OUTPUT CMOS
REV1.0
AO4170 AITSEMI-AO4170 Datasheet
528Kb / 9P
36V, 1.2MHz, QUAD, RAIL-TO-RAIL OUTPUT CMOS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com