Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO2170MS8R Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # AO2170MS8R
Description  36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AO2170MS8R Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  AO2170MS8R Datasheet HTML 1Page - AiT Semiconductor Inc. AO2170MS8R Datasheet HTML 2Page - AiT Semiconductor Inc. AO2170MS8R Datasheet HTML 3Page - AiT Semiconductor Inc. AO2170MS8R Datasheet HTML 4Page - AiT Semiconductor Inc. AO2170MS8R Datasheet HTML 5Page - AiT Semiconductor Inc. AO2170MS8R Datasheet HTML 6Page - AiT Semiconductor Inc. AO2170MS8R Datasheet HTML 7Page - AiT Semiconductor Inc. AO2170MS8R Datasheet HTML 8Page - AiT Semiconductor Inc. AO2170MS8R Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AO2170
OP AMPLIFIER
36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
REV1.0
- JUL 2021 RELEASED -
- 2 -
PIN DESCRIPTION
Top View
Top View
Pin #
Symbol I/O
Function
SOP8
PSOP8
1
1
OUTA
O
Output, channel A
2
2
INA-
I
Inverting input, channel A
3
3
INA+
I
Noninverting input, channel A
4
4
V-
-
Negative (lowest) power supply or ground (for single supply operation)
5
5
INB+
I
Noninverting input, channel B
6
6
INB-
I
Inverting input, channel B
7
7
OUTB
O
Output, channel B
8
8
V+
-
Positive (highest) power supply



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com