Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0520WS Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # B0520WS
Description  SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

B0520WS Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  B0520WS Datasheet HTML 1Page - AiT Semiconductor Inc. B0520WS Datasheet HTML 2Page - AiT Semiconductor Inc. B0520WS Datasheet HTML 3Page - AiT Semiconductor Inc. B0520WS Datasheet HTML 4Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
B0520WS~B0540WS
SCHOTTKY DIODES
SCHOTTKY BARRIER DIODES
REV1.0
- MAR 2015 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
@ TA=25°C, unless otherwise specified
Parameter
Symbol
B0520WS
B0530WS
B0540WS
Unit
Peak Repetitive Peak Reverse Voltage
Working Peak
DC Reverse Voltage
VRR
VRWM
VR
20
30
40
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Forward Continuous Current
IF
350
mA
Repetitive Peak Forward Current @t≤1.0s
IFRM
1.5
A
Power Dissipation
PD
400
mW
Thermal Resistance Junction to Ambient
RθJA
300
°C/W
Storage Temperature
TSTG
-65-+125
°C
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
@ TA=25°C, unless otherwise specified
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
V(BR)R
IR=10μA
IR=10μA
IR=10μA
B0520WS
B0530WS
B0540WS
20
30
40
-
-
V
Forward Voltage
VF
IF=20mA
IF=200mA
-
-
0.37
0.60
V
Reverse Current
IRM
VR=10V
VR=20V
VR=30V
B0520WS
B0530WS
B0540WS
-
-
5.0
μA
Capacitance Between Terminals
CT
VR=0, f=1MHz
-
50
-
pF
Reverse Recovery Time
trr
IR=IF=200mA,
Irr=0.1 x IR, RL=100Ω
-
10
-
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com