Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

855821 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 855821
Description  836.5 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855821 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  855821 Datasheet HTML 1Page - TriQuint Semiconductor 855821 Datasheet HTML 2Page - TriQuint Semiconductor 855821 Datasheet HTML 3Page - TriQuint Semiconductor 855821 Datasheet HTML 4Page - TriQuint Semiconductor 855821 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 855821
836.5 MHz SAW Filter
Subject to change or obsolescence without notice
Last Updated: 14-May-2001
Page 2 of 5
Electrical Specifications
(1)
Operating Temperature Range:
(2)
-40 to +85
oC
Parameter
(3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
836.5
-
MHz
Maximum Insertion Loss
824 - 849 MHz
-
1.9
3
dB
Amplitude Variation
824 - 849 MHz
-
0.8
1.5
dB p-p
Absolute Attenuation
10 - 800 MHz
869 - 894 MHz
978 - 1006 MHz
1050 - 2600 MHz
25
35
25
20
30
40
35
28
-
-
-
-
dB
dB
dB
dB
Input/Output VSWR
824 - 849 MHz
10
14
-
dB
Terminating Source Impedance:
(4)
-50
-
Ω
Terminating Load Impedance:
(4)
-50
-
Ω
Operating Temperature Range
-40
25
+85
oC
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
50
Ω
Single-ended
1,3,4,6
2
5
50
50
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
No impedance matching
required



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com