Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # CMS
Description  COMMON MODE CHOKE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

CMS Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  CMS Datasheet HTML 1Page - AiT Semiconductor Inc. CMS Datasheet HTML 2Page - AiT Semiconductor Inc. CMS Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
COMMON MODE CHOKE
CMS
●SPCIFICATION
Dimension in mm
TYPE
A
B
D
E
F
G
H
I
J
K
CMS 7.5*6*3-4.5Ts 7.50±0.20
6.00±0.20
3.00±0.20
1.50
1.50
5.40
1.90
2.40
1.70
1.90
CMS 10*8*5-4.5Ts
10.0±0.20
8.00±0.20
5.00±0.20
1.80
1.50
7.00
2.40
2.10
4.20
2.60
CMS 10*8*5-5.5Ts
10.0±0.20
8.00±0.20
5.00±0.20
1.80
1.50
7.00
2.40
2.10
4.20
2.60
Note1. Measurement ambient temperature of Impedance, DCR and IDC : at 25°C
Note2. Test equipment: HP4291A
Note3. This specification might be changed without notice due to under developing and improving.
●ELECTRICAL CHARACTEISTICS
Electrical
Characteristics
Frequency
TYPE
CMS 7.5*6*3-4.5Ts
CMS 10*8*5-4.5Ts
CMS 10*8*5-5.5Ts
Common mode
100MHz
700 Ω ± 25%
860 Ω ± 25%
680 Ω ± 25%
400MHz
200 Ω ± 25%
180 Ω ± 25%
140 Ω ± 25%
Normal mode
100MHz
480 Ω ± 25%
720 Ω ± 25%
1750 Ω ± 25%
400MHz
620 Ω ± 25%
620 Ω ± 25%
350 Ω ± 25%
DC Resistance
50mΩMax
45mΩMax
50mΩMax
●ELECTRICAL CURVE
CMS 7.5*6*3-4.5Ts
CMS 10*8*5-5.5Ts
CMS 10*8*5-4.5Ts



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com