Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS312W Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # DS312W
Description  SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

DS312W Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  DS312W Datasheet HTML 1Page - AiT Semiconductor Inc. DS312W Datasheet HTML 2Page - AiT Semiconductor Inc. DS312W Datasheet HTML 3Page - AiT Semiconductor Inc. DS312W Datasheet HTML 4Page - AiT Semiconductor Inc. DS312W Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
DS32W~DS320W
SCHOTTKY BARRIER RECTIFIER
REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3A
REV1.0
- MAR 2015 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz resistive or
inductive load, for capacitive load, derate by 20 %
Parameter
Symbol DS32W DS34W DS36W DS38W DS310W DS312W DS315W DS320W
Unit
Maximum Repetitive Peak
Reverse Voltage
VRRM
20
40
60
80
100
120
150
200
V
Maximum RMS Voltage
VRMS
14
28
42
56
70
84
105
140
V
Maximum DC Blocking
Voltage
VDC
20
40
60
80
100
120
150
200
V
Maximum Average Forward
Rectified Current
IF(AV)
3.0
A
Peak Forward Surge Current
8.3ms Single Half Sine
Wave Superimposed on
Rated Load (JEDEC
Method)
IFSM
80
70
A
Max Instantaneous Forward
Voltage at 3A
VF
0.55
0.70
0.85
0.95
V
Maximum DC
Reverse Current
at Rated DC
Blocking Voltage
TA=25°C
TA=100°C
IR
0.5
10
0.3
5
mA
Typical Junction
CapacitanceNOTE1
CJ
250
160
pF
Typical Thermal
ResistanceNOTE2
RθJA
65
°C/W
Operating Junction
Temperature Range
TJ
-55 ~ +125
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
NOTE1: Measured at 1MHz and applied reverse voltage of 4V D.C.
NOTE2: P.C.B. mounted with 0.2 x 0.2" (5 x 5 mm) copper pad areas.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com