Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CST-934AS Datasheet(PDF) 1 Page - CUI INC

Part # CST-934AS
Description  MAGNETIC BUZZER TRANSDUCER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CST-934AS Datasheet(HTML) 1 Page - CUI INC

  CST-934AS Datasheet HTML 1Page - CUI INC CST-934AS Datasheet HTML 2Page - CUI INC CST-934AS Datasheet HTML 3Page - CUI INC CST-934AS Datasheet HTML 4Page - CUI INC CST-934AS Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 05/03/2022
page 1 of 5
MODEL: CST-934AS
│ DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
cuidevices.com
FEATURES
• magnetic transducer with spring mount
• 95 dB SPL
• 2,730 Hz rated frequency
Vo-p
0V
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
3.0
Vo-p
operating voltage
2.0
4.5
Vo-p
current consumption
at rated voltage, 2,730 Hz, ½ duty square wave
80
mA
rated frequency
2,730
Hz
sound pressure level
at 5 cm, rated voltage, 2,730 Hz, ½ duty square
wave (A-weighted)
90
95
dB
coil resistance
17
20
23
Ω
dimensions
Ø9.0 x 4.0
mm
weight
1.0
g
material
PPO (black)
terminal
spring(gold plating)
operating temperature
-20
60
°C
storage temperature
-30
70
°C
washable
no
RoHS
yes
Notes:
1.Allspecificationsmeasuredat25±2°C,humidityat60~70%,under86~106kPapressure,unlessotherwisenoted.
Additional Resources: Product Page | 3D Model


Similar Part No. - CST-934AS

ManufacturerPart #DatasheetDescription
logo
CUI INC
CST-934AS CUI-CST-934AS Datasheet
422Kb / 5P
Magnetic buzzer
CST-934AS CUI-CST-934AS Datasheet
595Kb / 5P
MAGNETIC BUZZER TRANSDUCER
02/17/2022
logo
CUI Devices
CST-934AS CUID-CST-934AS Datasheet
565Kb / 5P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CST-934AS CUI-CST-934AS_V01 Datasheet
595Kb / 5P
MAGNETIC BUZZER TRANSDUCER
02/17/2022
More results

Similar Description - CST-934AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-300 ETC-EMX-300 Datasheet
174Kb / 1P
Magnetic transducer Buzzer
logo
CUI INC
CSS-0578-SMT CUI-CSS-0578-SMT Datasheet
337Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CT-1205H-SMT CUI-CT-1205H-SMT Datasheet
345Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CMT-5023S-SMT CUI-CMT-5023S-SMT Datasheet
960Kb / 4P
MAGNETIC BUZZER TRANSDUCER
CCV-084B16-SMT CUI-CCV-084B16-SMT Datasheet
432Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CMT-6736-80T CUI-CMT-6736-80T Datasheet
394Kb / 5P
MAGNETIC BUZZER TRANSDUCER
CMT-9504-87-SMT-TR CUI-CMT-9504-87-SMT-TR Datasheet
418Kb / 5P
MAGNETIC BUZZER TRANSDUCER
logo
CUI Devices
CD-1206-SMT CUID-CD-1206-SMT Datasheet
635Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
CEM-1203 CUID-CEM-1203 Datasheet
499Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
CMT-1032-85-SMT-TR CUID-CMT-1032-85-SMT-TR Datasheet
388Kb / 5P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com