Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSS2016 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # KSS2016
Description  QUARTZ CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

KSS2016 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  KSS2016 Datasheet HTML 1Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
KSS
QUARTZ CRYSTAL
KSS2016
Features
2016 size miniature and light SMD crystal resonator with a low profile of 0.50mm.
Wide frequency range from a comparatively low 16MHz up to 54MHz.
High precision and high frequency stability.
Automatic mounting and reflow soldering.
Applications in smart phone, sip module, variety of compact portable consumer
products.
Electrical Specifications
Type
KSS2016 QUARTZ CRYSTAL
Frequency Range
Frequency Tolerance(at 25℃)
Frequency Stability Over Operating Temperature Range
Operating Temperature Range
Shunt Capacitance(C0)
Drive Level
Load Capacitance
Aging(at 25℃)
Storage Temperature Range
Packing Unit
16MHz~54MHz
±10ppm, ±20ppm, or specify
±10ppm, ±20ppm, or specify
-20~+70°C, or specify
5pF Max.
1~200μW Max.(50μW Typical)
8pF, 10pF, or specify
±3ppm / year Max.
-55~+125°C
3000pcs/Reel
Equivalent Series Resistance(ESR)
Fundamental
16~19.2MHz
200 Ω Max.
19.2~30MHz
100 Ω Max.
30~54MHz
80 Ω Max.
Ordering Information
KSS2016
024M
10
20
20
A
Product Code
Frequency
Range
24.000MHz
Load
Capacitance
10=10pF
Frequency
Tolerance
20=±20ppm
Frequency
Stability
20=±20ppm
Operating Temperature
A:-20~+70℃
B:-10~+70℃
C:-40~+85℃
D:-40~+125℃
E:-10~+60℃
F:-30~+70℃
Dimension
Units:mm


Similar Part No. - KSS2016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KSS2 ETC1-KSS2 Datasheet
133Kb / 2P
KS SERIES KEY SWITCHES
logo
C&K Components
KSS21GLFS CK-COMPONENTS-KSS21GLFS Datasheet
209Kb / 2P
Subminiature SMT Side Actuated
logo
ITT Industries
KSS221G ITT-KSS221G Datasheet
82Kb / 3P
Subminiature Side Actuated Tact Switch for SMT
logo
C&K Components
KSS221G CK-COMPONENTS-KSS221G Datasheet
209Kb / 2P
Subminiature SMT Side Actuated
KSS221G CK-COMPONENTS-KSS221G Datasheet
421Kb / 3P
Subminiature SMT Side Actuated
More results

Similar Description - KSS2016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
ECS, Inc.
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
Quartz Crystal
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
Quartz Crystal
logo
AiT Semiconductor Inc.
KSS1210 AITSEMI-KSS1210 Datasheet
220Kb / 1P
QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com