Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR5AM-12 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BCR5AM-12
Description  isc Triacs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BCR5AM-12 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BCR5AM-12 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BCR5AM-12 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Triacs
BCR5AM-12
FEATURES
·
With TO-220AB non insulated package
·
Suitable for general purpose AC switching. Which can be used as an ON/OFF function in
applications such as static relays, heating regulation,induction motor starting circuits.
Or for phase control operation in light dimmers, motor speed controllers etc.
·
Minimum Lot-to-Lot variations for robust device performance and reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RMS)
RMS on-state current (full sine wave)Tj=105℃
5.0
A
ITSM
Non-repetitive peak on-state current tp=20ms
50
A
Tj
Operating junction temperature
125
℃
Tstg
Storage temperature
-40~125
℃
Rth(j-c)
Thermal resistance, junction to case
3.0
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=125℃
0.005
1
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=125℃
0.005
1
mA
IGT
Gate trigger current
Ⅰ
VD=6V; RG= 330Ω
20
mA
Ⅱ
20
Ⅲ
20
VGT
Gate trigger voltage all quadrant VD=6V; RG= 330Ω
1.5
V
VTM
On-state voltage
IT= 7.0A; tp= 380μs
1.8
V


Similar Part No. - BCR5AM-12

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR5AM-12 POWEREX-BCR5AM-12 Datasheet
80Kb / 6P
Triac 5 Amperes/400-600 Volts
BCR5AM-12L POWEREX-BCR5AM-12L Datasheet
80Kb / 6P
Triac 5 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR5AM-12LA RENESAS-BCR5AM-12LA Datasheet
122Kb / 7P
Triac Medium Power Use
BCR5AM-12LA-A8 RENESAS-BCR5AM-12LA-A8 Datasheet
122Kb / 7P
Triac Medium Power Use
BCR5AM-12LB RENESAS-BCR5AM-12LB Datasheet
133Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results

Similar Description - BCR5AM-12

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com