Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7900IALK Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7900IALK
Description  AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7900IALK Datasheet(HTML) 64 Page - Texas Instruments

Back Button AFE7900IALK Datasheet HTML 60Page - Texas Instruments AFE7900IALK Datasheet HTML 61Page - Texas Instruments AFE7900IALK Datasheet HTML 62Page - Texas Instruments AFE7900IALK Datasheet HTML 63Page - Texas Instruments AFE7900IALK Datasheet HTML 64Page - Texas Instruments AFE7900IALK Datasheet HTML 65Page - Texas Instruments AFE7900IALK Datasheet HTML 66Page - Texas Instruments AFE7900IALK Datasheet HTML 67Page - Texas Instruments AFE7900IALK Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 157 page
background image
6.12.6 RX Typical Characteristics 4.9GHz
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52MSPS
(decimate by 6), PLL clock mode with fREF = 491.52MHz, AIN = –3 dBFS, DSA setting = 4 dB.
Output Frequency (MHz)
4700
4800
4900
5000
5100
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
DSA=4dB
DSA=6dB
DSA=8dB
DSA=10dB
DSA=12dB
DSA=14dB
With matching, normalized to power at 4.9GHz for each DSA
setting
Figure 6-173. RX Inband Gain Flatness, fIN = 4900 MHz
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
-2.3
-2
-1.7
-1.4
-1.1
-0.8
-0.5
-0.2
0.1
0.4
0.7
1
1RX
2RX
3RX
4RX
With 4.9 GHz matching, normalized to fullscale at 25°C for
each channel
Figure 6-174. RX Input Fullscale vs Temperature and Channel at
4.9 GHz
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
-35
-25
-15
-5
5
15
25
35
45
55
65
1RX
2RX
3RX
4RX
With 4.9 GHz matching, normalized to phase at 25°C
Figure 6-175. RX Input Phase vs Temperature and DSA at fOUT =
4.9 GHz
DSA (dB)
0
5
10
15
20
25
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
1RX
2RX
3RX
4RX
With 4.9 GHz matching
Differential Amplitude Error = PIN(DSA Setting – 1) – PIN(DSA
Setting) + 1
Figure 6-176. RX Uncalibrated Differential Amplitude Error vs
DSA Setting at 4.9 GHz
DSA (dB)
0
5
10
15
20
25
-0.025
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
0.025
0.03
1RX
2RX
3RX
4RX
With 4.9 GHz matching
Differential Amplitude Error = PIN(DSA Setting – 1) – PIN(DSA
Setting) + 1
Figure 6-177. RX Calibrated Differential Amplitude Error vs DSA
Setting at 4.9 GHz
DSA (dB)
0
5
10
15
20
25
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1RX
2RX
3RX
4RX
With 4.9 GHz matching
Integrated Amplitude Error = PIN(DSA Setting) – PIN(DSA
Setting = 0) + (DSA Setting)
Figure 6-178. RX Uncalibrated Integrated Amplitude Error vs
DSA Setting at 4.9 GHz
AFE7900
SBASA44A – AUGUST 2021 – REVISED MARCH 2022
www.ti.com
64
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com