Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7906IALK Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906IALK
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906IALK Datasheet(HTML) 64 Page - Texas Instruments

Back Button AFE7906IALK Datasheet HTML 60Page - Texas Instruments AFE7906IALK Datasheet HTML 61Page - Texas Instruments AFE7906IALK Datasheet HTML 62Page - Texas Instruments AFE7906IALK Datasheet HTML 63Page - Texas Instruments AFE7906IALK Datasheet HTML 64Page - Texas Instruments AFE7906IALK Datasheet HTML 65Page - Texas Instruments AFE7906IALK Datasheet HTML 66Page - Texas Instruments AFE7906IALK Datasheet HTML 67Page - Texas Instruments AFE7906IALK Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
-140
-139
-138
-137
-136
-135
-134
-133
-132
-131
-130
fREF = 122.88MHz
fREF = 245.76MHz
fREF = 368.64MHz
fREF = 491.52MHz
PLL enabled, fVCO = 11796.48 MHz, measured at 2TXOUT
Figure 6-241. Phase Noise for 12-GHz VCO at 1.8-
MHz Offset vs Temperature and fREF at fOUT = 2.6
GHz
Temperature (qC)
-40
-20
0
20
40
60
80
100
-150
-149
-148
-147
-146
-145
-144
-143
-142
-141
-140
fREF = 122.88MHz
fREF = 245.76MHz
fREF = 368.64MHz
fREF = 491.52MHz
PLL enabled, fVCO = 11796.48 MHz, measured at 2TXOUT
Figure 6-242. Phase Noise for 12-GHz VCO at 5-
MHz Offset vs Temperature and fREF at fOUT = 2.6
GHz
Temperature (qC)
-40
-20
0
20
40
60
80
100
-160
-159
-158
-157
-156
-155
-154
-153
-152
-151
-150
fREF = 122.88MHz
fREF = 245.76MHz
fREF = 368.64MHz
fREF = 491.52MHz
PLL enabled, fVCO = 11796.48 MHz, measured at 2TXOUT
Figure 6-243. Phase Noise for 12-GHz VCO at 50-
MHz Offset vs Temperature and fREF at fOUT = 2.6
GHz
Offset Frequency (Hz)
1E+3
1E+4
1E+5
1E+6
1E+7
1E+8
-160
-150
-140
-130
-120
-110
-100
-90
-80
25qC
-40qC
110qC
PLL enabled, fVCO = 9830.4 MHz, fREF = 491.52MSPS,
measured at 2TXOUT
Figure 6-244. Phase Noise for 10-GHz VCO vs
Offset Frequency and Temperature at fOUT = 1910
MHz
Offset Frequency (Hz)
1E+3
1E+4
1E+5
1E+6
1E+7
1E+8
-160
-150
-140
-130
-120
-110
-100
-90
-80
fOUT=2610MHz
fOUT=3510MHz
fOUT=4910MHz
PLL enabled, fVCO = 9830.4 MHz, fREF = 491.52MSPS,
measured at 2TXOUT
Figure 6-245. Phase Noise for 10-GHz VCO vs
Offset Frequency and fOUT at 25°C
Offset Frequency (Hz)
1E+3
1E+4
1E+5
1E+6
1E+7
1E+8
-160
-150
-140
-130
-120
-110
-100
-90
-80
fOUT=2610MHz
fOUT=3510MHz
fOUT=4910MHz
PLL enabled, fVCO = 9830.4 MHz, fREF = 491.52MSPS,
measured at 2TXOUT
Figure 6-246. Phase Noise for 10-GHz VCO vs
Offset Frequency and fOUT at –40°C
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
www.ti.com
64
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com