Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049A Datasheet(PDF) 46 Page - Texas Instruments

Part # SWCS049A
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049A Datasheet(HTML) 46 Page - Texas Instruments

Back Button SWCS049A Datasheet HTML 42Page - Texas Instruments SWCS049A Datasheet HTML 43Page - Texas Instruments SWCS049A Datasheet HTML 44Page - Texas Instruments SWCS049A Datasheet HTML 45Page - Texas Instruments SWCS049A Datasheet HTML 46Page - Texas Instruments SWCS049A Datasheet HTML 47Page - Texas Instruments SWCS049A Datasheet HTML 48Page - Texas Instruments SWCS049A Datasheet HTML 49Page - Texas Instruments SWCS049A Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 144 page
background image
LDO5
300 mA
OSC32KIN
OSC32KOUT
CLK32KOUT
SDA_SDI
SCL_SCK
EN1
EN2
VCC4
VCCS
COMP
2
COMP
1
LDO5
1 to 3.3 V,
100-mV step
LDO4
50 mA
LDO4
VCC5
1 to 3.3 V,
50-mV step
LDO3
200 mA
LDO3
1 to 3.3 V,
100-mV step
VRTC (LDO)
and POR
VRTC
VCC7
BACKUP
Management
AGND
AGND
Oscillator
32 kHz
REFGND
Real-Time Clock
(RTC)
I
2C
Bus Control
VDDIO
Power-Control
State Machine
GPIO8
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
I
2C
NRESPWRON2
NRESPWRON
HDRST
PWRDN
PWRHOLD
BOOT1
PWRON
SLEEP
INT1
Analog
References
REFGND
TESTV
VREF
Watchdog
Test Interface
VBACKUP
CBB
SWIO
VIO
1.3 A at 1.5 V
1.2 A at 1.8 V
1.1 A at 2.5 and 3.3 V
VCCIO
LDO8
VCC3
1 to 3.3 V,
100-mV step
LDO7
1 to 3.3 V,
100-mV step
LDO6
1 to 3.3 V,
100-mV step
GNDIO
VFBIO
VDDIO
SW2
1.5 A at 0.6 to 1.5 V
(1)
VDD2
0.6 V to 3.3 V
VCC2
GND2
VFB2
SW1
1.5 A at 0.6 to 2.2 V
(1)
VDD1
0.6 V to 3.3 V
VCC1
GND1
VFB1
SW
Controller
0.6 V to 1.4 V
DRVH
DRVL
VOUT
VBST
Cboost
VFB
C1
TRIP
V5IN
GNDC
Rtrip
CV5IN
LDO7
300 mA
LDO2
VCC6
1 to 3.3 V,
50-mV step
LDO1
1 to 3.3 V,
50-mV step
LDO2
320 mA
LDO1
320 mA
LDO8
300 mA
LDO6
300 mA
Connect to system
1.8V/3.3 V supply
46
TPS65911
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65911
Detailed Description
Copyright © 2010–2018, Texas Instruments Incorporated
6.2
Functional Block Diagram
(1)
For details on supported levels, see Section 5.14, Section 5.15, and Table 6-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com