Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049B Datasheet(PDF) 2 Page - Texas Instruments

Part # SWCS049B
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049B Datasheet(HTML) 2 Page - Texas Instruments

  SWCS049B Datasheet HTML 1Page - Texas Instruments SWCS049B Datasheet HTML 2Page - Texas Instruments SWCS049B Datasheet HTML 3Page - Texas Instruments SWCS049B Datasheet HTML 4Page - Texas Instruments SWCS049B Datasheet HTML 5Page - Texas Instruments SWCS049B Datasheet HTML 6Page - Texas Instruments SWCS049B Datasheet HTML 7Page - Texas Instruments SWCS049B Datasheet HTML 8Page - Texas Instruments SWCS049B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 144 page
background image
LDO5
300 mA
OSC32KIN
OSC32KOUT
CLK32KOUT
SDA_SDI
SCL_SCK
EN1
EN2
VCC4
VCCS
COMP
2
COMP
1
LDO5
1 to 3.3 V,
100-mV step
LDO4
50 mA
LDO4
VCC5
1 to 3.3 V,
50-mV step
LDO3
200 mA
LDO3
1 to 3.3 V,
100-mV step
VRTC (LDO)
and POR
VRTC
VCC7
BACKUP
Management
AGND
AGND
Oscillator
32 kHz
REFGND
Real-Time Clock
(RTC)
I
2C
Bus Control
VDDIO
Power-Control
State Machine
GPIO8
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
I
2C
NRESPWRON2
NRESPWRON
HDRST
PWRDN
PWRHOLD
BOOT1
PWRON
SLEEP
INT1
Analog
References
REFGND
TESTV
VREF
Watchdog
Test Interface
VBACKUP
CBB
SWIO
VIO
1.3 A at 1.5 V
1.2 A at 1.8 V
1.1 A at 2.5 and 3.3 V
VCCIO
LDO8
VCC3
1 to 3.3 V,
100-mV step
LDO7
1 to 3.3 V,
100-mV step
LDO6
1 to 3.3 V,
100-mV step
GNDIO
VFBIO
VDDIO
SW2
1.5 A at 0.6 to 1.5 V
(1)
VDD2
0.6 V to 3.3 V
VCC2
GND2
VFB2
SW1
1.5 A at 0.6 to 2.2 V
(1)
VDD1
0.6 V to 3.3 V
VCC1
GND1
VFB1
SW
Controller
0.6 V to 1.4 V
DRVH
DRVL
VOUT
VBST
Cboost
VFB
C1
TRIP
V5IN
GNDC
Rtrip
CV5IN
LDO7
300 mA
LDO2
VCC6
1 to 3.3 V,
50-mV step
LDO1
1 to 3.3 V,
50-mV step
LDO2
320 mA
LDO1
320 mA
LDO8
300 mA
LDO6
300 mA
Connect to system
1.8V/3.3 V supply
2
TPS65911
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65911
Device Overview
Copyright © 2010–2018, Texas Instruments Incorporated
(1)
For more information, see Section 9, Mechanical, Packaging, and Orderable Information.
(2)
Refer to the corresponding user's guide for the complete EEPROM setting before ordering.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS65911(2)
BGA MicroStar Junior™ (98)
9.00 mm × 6.00 mm
1.4
Functional Block Diagram
Figure 1-1 shows the top-level diagram of the device.
(1)
For details on supported levels, see the electrical characteristics for VDD1 SMPS and VDD2 SMPS, and the Power Sources table.
Figure 1-1. Top-Level Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com