Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049C Datasheet(PDF) 121 Page - Texas Instruments

Part # SWCS049C
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049C Datasheet(HTML) 121 Page - Texas Instruments

Back Button SWCS049C Datasheet HTML 117Page - Texas Instruments SWCS049C Datasheet HTML 118Page - Texas Instruments SWCS049C Datasheet HTML 119Page - Texas Instruments SWCS049C Datasheet HTML 120Page - Texas Instruments SWCS049C Datasheet HTML 121Page - Texas Instruments SWCS049C Datasheet HTML 122Page - Texas Instruments SWCS049C Datasheet HTML 123Page - Texas Instruments SWCS049C Datasheet HTML 124Page - Texas Instruments SWCS049C Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 144 page
background image
TPS65911A
VFB2
SW2
VFBIO
2.2 …H
SWIO
VIO
1100 mA
VCC1
+5 V
LDO2
320 mA
LDO1
320 mA
66AK2G12
BOOT1
VFB1
SW1
VDD1
1500 mA
DVS
VCC2
VCCIO
CVDD
CVDD1
VDDIO
LDO4
50 mA
LDO3
200 mA
LDO6
300 mA
LDO5
300 mA
LDO8
300 mA
LDO7
300 mA
VRTC
VRTC
20 mA
VCC3
VCC4
VCC5
VCC6
VCC7
VBACKUP
OSC32KIN
OSC32KOUT
VRTC
VREF
REFGND
GND2
GND1
GNDIO
I2CSCL
SCL_SCK
I2CSDA
VDDIO
SDA_SDI
INT1
PWRON
EN2
GPIO
EN1
SLEEP
PWRHOLD
NRESPWRON2
5V
TESTV
VDDCtrl
1.8 V (Always-ON)
CLK32KOUT
VDD2
1500 mA
DVS
DVDD_DDR
DRVL
VOUT
SW
DRVH
VBST
< 12V
V5IN
TRIP
VFB
GPIO1/3/4/5/8
(leave GPIO floating if not used)
PWRDN
(leave floating if not used)
GNDC
HDRST
(If not used, connect to VRTC)
EN
TRAN
PGOOD
(leave floating)
(leave floating)
(leave floating)
(leave floating)
VCCS
Connects to system 1.8V/3.3V IO supply
To V5IN
VCC3
VCC6
VCC5
VCC4
VCC7
(crystal is optional)
Default 3.3 V
2.7V < Vin < 3.6V
If LDO1 or LDO2 used
DVDD33
DVDD18
AVDDA_XPLL
(leave floating)
(leave floating)
(leave floating)
GPIO
PORZ
GND
12 pF
GND
GND
10 …F
GND
10 …F
GND
10 …F
GND
4.7 …F
GND
4.7 …F
GND
4.7 …F
GND
4.7 …F
GND
4.7 …F
GND
5-2000 mF
12 pF
GND
10 k
GND
1 …F
100 nF
GND
1.2 k
1.2 k
GND
2.2 …F
GND
2.2 …F
GND
2.2 …F
Default 3.3 V
Default 3.3 V
GND
2.2 …F
GND
2.2 …F
Default 3.3 V
GND
2.2 …F
Default 1.8 V
GND
2.2 …F
Default 1.8 V
GND
2.2 …F
Default 1.8 V
GND
2.2 …F
GND
10 …F
Default 3.3 V
2.2 …H
GND
10 …F
Default 1.35 V
2.2 …H
GND
10 …F
Default 1.0 V
GND
GND
GND
GND
GND
Default 1.0 V, DVS
Default 1.8 V
121
TPS65911
www.ti.com
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
Submit Documentation Feedback
Product Folder Links: TPS65911
Applications, Implementation, and Layout
Copyright © 2010–2018, Texas Instruments Incorporated
Figure 7-1. TPS65911A Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com