Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049C Datasheet(PDF) 3 Page - Texas Instruments

Part # SWCS049C
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049C Datasheet(HTML) 3 Page - Texas Instruments

  SWCS049C Datasheet HTML 1Page - Texas Instruments SWCS049C Datasheet HTML 2Page - Texas Instruments SWCS049C Datasheet HTML 3Page - Texas Instruments SWCS049C Datasheet HTML 4Page - Texas Instruments SWCS049C Datasheet HTML 5Page - Texas Instruments SWCS049C Datasheet HTML 6Page - Texas Instruments SWCS049C Datasheet HTML 7Page - Texas Instruments SWCS049C Datasheet HTML 8Page - Texas Instruments SWCS049C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 144 page
background image
3
TPS65911
www.ti.com
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
Submit Documentation Feedback
Product Folder Links: TPS65911
Revision History
Copyright © 2010–2018, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 1
1.3
Description
............................................ 1
1.4
Functional Block Diagram
............................ 2
2
Revision History
......................................... 3
3
Device Comparison Table
.............................. 8
4
Pin Configuration and Functions
..................... 9
4.1
Pin Attributes
........................................ 10
5
Specifications
........................................... 12
5.1
Absolute Maximum Ratings
......................... 12
5.2
ESD Ratings
........................................ 12
5.3
Recommended Operating Conditions
............... 13
5.4
Thermal Information
................................. 13
5.5
Electrical Characteristics: I/O Pullup and Pulldown
. 14
5.6
Electrical Characteristics: Digital I/O Voltage
....... 14
5.7
Electrical Characteristics: Power Consumption
..... 16
5.8
Electrical Characteristics: Power References and
Thresholds
.......................................... 17
5.9
Electrical Characteristics: Thermal Monitoring and
Shutdown
............................................ 18
5.10
Electrical Characteristics: 32-kHz RTC Clock
....... 18
5.11
Electrical Characteristics: Backup Battery Charger
. 19
5.12
Electrical Characteristics: VRTC LDO
.............. 19
5.13
Electrical Characteristics: VIO SMPS
............... 20
5.14
Electrical Characteristics: VDD1 SMPS
............. 21
5.15
Electrical Characteristics: VDD2 SMPS
............. 23
5.16
Electrical Characteristics: VDDCtrl SMPS
.......... 25
5.17
Electrical Characteristics: LDO1 and LDO2
......... 27
5.18
Electrical Characteristics: LDO3 and LDO4
......... 29
5.19
Electrical Characteristics: LDO5
.................... 31
5.20
Electrical Characteristics: LDO6, LDO7, and LDO8
32
5.21
Timing and Switching Characteristics
............... 35
6
Detailed Description
................................... 45
6.1
Overview
............................................ 45
6.2
Functional Block Diagram
........................... 46
6.3
Power Reference
.................................... 47
6.4
Power Resources
................................... 47
6.5
Embedded Power Controller (EPC)
................. 47
6.6
PWM and LED Generators
......................... 58
6.7
Dynamic Voltage Frequency Scaling and Adaptive
Voltage Scaling Operation
.......................... 58
6.8
32-kHz RTC Clock
.................................. 58
6.9
Real Time Clock (RTC)
............................. 59
6.10
Backup Battery Management
....................... 62
6.11
Backup Registers
................................... 62
6.12
I2C Interface
......................................... 62
6.13
Thermal Monitoring and Shutdown
................. 64
6.14
Interrupts
............................................ 64
6.15
Register Maps
....................................... 65
7
Applications, Implementation, and Layout
...... 120
7.1
Application Information
............................ 120
7.2
Typical Application
................................ 120
7.3
Power Supply Recommendations
................. 131
8
Device and Documentation Support
.............. 132
8.1
Device Support
..................................... 132
8.2
Documentation Support
............................ 133
8.3
Receiving Notification of Documentation Updates
. 133
8.4
Community Resources
............................. 133
8.5
Trademarks
........................................ 133
8.6
Electrostatic Discharge Caution
................... 133
8.7
Glossary
............................................ 134
9
Mechanical, Packaging, and Orderable
Information
............................................. 134
9.1
Package Description
............................... 134
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision R (May 2018) to Revision S
Page
•
Added TPS65911A to the device comparison table
............................................................................. 8
Changes from Revision Q (March 2016) to Revision R
Page
•
Changed Device Information table to a single row reflecting all orderable devices
......................................... 2
•
Changed the Functional Block Diagram
........................................................................................... 2
•
Deleted lead temperature from the Recommended Operating Conditions table
........................................... 13
•
Corrected VIO output voltage from 2.2 V to 2.5 V
.............................................................................. 20
•
Changed the VDDCtrl slew rate from 100 mV/20µs to 5 mV/µs for clarity
................................................. 25
•
Added SEL options for VOUT < 1 V ............................................................................................... 30
•
Added the Overview section
...................................................................................................... 45
•
Corrected VIO voltage from 2.2 V to 2.5 V
...................................................................................... 47
•
Corrected the SEL bits for 1 V selection for LDO1_REG and LDO2_REG
................................................. 87
•
Corrected the SEL bits for 0.8 V to 0.9 V options. Added the SEL bits for 0.95 V.
........................................ 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com