Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049D Datasheet(PDF) 126 Page - Texas Instruments

Part # SWCS049D
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049D Datasheet(HTML) 126 Page - Texas Instruments

Back Button SWCS049D Datasheet HTML 122Page - Texas Instruments SWCS049D Datasheet HTML 123Page - Texas Instruments SWCS049D Datasheet HTML 124Page - Texas Instruments SWCS049D Datasheet HTML 125Page - Texas Instruments SWCS049D Datasheet HTML 126Page - Texas Instruments SWCS049D Datasheet HTML 127Page - Texas Instruments SWCS049D Datasheet HTML 128Page - Texas Instruments SWCS049D Datasheet HTML 129Page - Texas Instruments SWCS049D Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 144 page
background image
OUT
IN
OUT
IN
SW
OUT max
IND
V
V
V
L
V
f
I
K
u
u
u
u
126
TPS65911
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65911
Applications, Implementation, and Layout
Copyright © 2010–2018, Texas Instruments Incorporated
7.2.2.2.4 Selecting FETs
This controller is designed to drive two n-channel MOSFETs. Typically, lower RDS(on) values are better for
improving the overall efficiency of the controller, however higher gate-charge thresholds result in lower
efficiency so these two values must be balanced for optimal performance. As the RDS(on) for the low-side
FET decreases, the minimum current limit increases. Therefore, make sure the appropriate values are
selected for the FETs, inductor, output capacitors, and current limit resistor. The Texas Instruments'
CSD87330Q3D device is a recommended for the controller, depending on the required maximum current.
7.2.2.2.5 Bootstrap Capacitor
To make sure the internal high-side gate drivers are supplied with a stable low-noise supply voltage, a
capacitor must be connected between the SW pin and the VBST pin. TI recommends placing ceramic
capacitors with a value of 0.1 μF for the controller. TI recommends reserving a small resistor in series with
the bootstrap capacitor in case the turnon and turnoff of the FETs must be slowed to decrease voltage
ringing on the switch node, which is a common practice for controller design.
7.2.2.2.6 Selecting Input Capacitors
Because of the nature of the switching controller with a pulsating input current, a low ESR input capacitor
is required for the best input-voltage filtering and also to minimize the interference with other circuits
caused by high input-voltage spikes. For the controller, a typical 1-μF capacitor can be used for the V5IN
pin to support the transients on the driver. For the FET input, 40 μF of input capacitance is recommended
for most applications. To achieve the low ESR requirement, a ceramic capacitor is recommended.
However, the voltage rating and DC-bias characteristic of ceramic capacitors must be considered. For
better input-voltage filtering, the input capacitor can be increased without any limit. TI recommends placing
a ceramic capacitor as near as possible to the FET across the respective VSYS and PGND pins of the
FETs.
NOTE
Use the correct value for the ceramic capacitor capacitance after derating to achieve the
recommended input capacitance.
7.2.2.3
Converter Design Procedure
7.2.2.3.1 Selecting the Inductor
An inductor must be placed between the external FETs and the output capacitors. Together, the inductor
and output capacitors form a double pole in the control loop that contributes to stability. In addition, the
inductor is directly responsible for the output ripple, efficiency, and transient performance. As the
inductance increases, the ripple current decreases, which typically results in an increase in efficiency.
However, with an increase in inductance, the transient performance decreases. Finally, the selected
inductor must be rated for the appropriate saturation current, core losses, and DC resistance (DCR).
NOTE
The internal parameters for the converters are optimized for a 2.2-µH inductor, however
using other inductor values is possible as long as they are carefully selected and thoroughly
tested.
Use Equation 5 to calculate the recommended inductance for the converter.
where
•
VOUT is the typical output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com