Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049D Datasheet(PDF) 17 Page - Texas Instruments

Part # SWCS049D
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049D Datasheet(HTML) 17 Page - Texas Instruments

Back Button SWCS049D Datasheet HTML 13Page - Texas Instruments SWCS049D Datasheet HTML 14Page - Texas Instruments SWCS049D Datasheet HTML 15Page - Texas Instruments SWCS049D Datasheet HTML 16Page - Texas Instruments SWCS049D Datasheet HTML 17Page - Texas Instruments SWCS049D Datasheet HTML 18Page - Texas Instruments SWCS049D Datasheet HTML 19Page - Texas Instruments SWCS049D Datasheet HTML 20Page - Texas Instruments SWCS049D Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 144 page
background image
17
TPS65911
www.ti.com
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
Submit Documentation Feedback
Product Folder Links: TPS65911
Specifications
Copyright © 2010–2018, Texas Instruments Incorporated
5.8
Electrical Characteristics: Power References and Thresholds
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output reference
voltage (VREF pin)
Device in active or low-
power mode
–1%
0.85
1%
V
Main battery charged
threshold, VMBCH
(programmable)
Measured on VCCS pin
Triggering monitored
through NRESPRWON
VMBCH_SEL = 11000 to
11111
3.5
V
VMBCH_SEL = 10111
3.45
...
...
VMBCH_SEL = 01110
–2%
3
2%
...
...
VMBCH_SEL = 00101
2.55
VMBCH_SEL = 00001 to
00100
2.5
VMBCH_SEL = 00000
Bypassed
Main battery charged
hysteresis threshold,
VMBDCH
Measured on VCCS pin
VMBCH –
100 mV
V
Main battery discharged
threshold, VMBDCH2
(programmable)
Measured on VCC7 pin
(MTL)
Triggering monitored
through INT1
VMBDCH2_SEL = 11000 to
11111
3.5
V
VMBDCH2_SEL = 10111
3.45
...
...
VMBDCH2_SEL = 01110
–2%
3
2%
...
...
VMBDCH2_SEL = 00101
2.55
VMBDCH2_SEL = 00001 to
00100
2.5
VMBDCH2_SEL = 00000
Bypassed
Main battery discharged
hysteresis threshold,
VMBCH2
Measured on VCCS pin
VMBDCH2
– 100 mV
V
Main battery low
threshold, VMBLO
measured on VCC7 pin (monitored on pin
NRESPWRON)
2.5
2.6
2.7
V
MB comparator
MTL
2.4
2.5
2.6
Main battery high
threshold, VMBHI
VBACKUP = 0 V, Measured on pin VCC7 (MB
comparator)
2.6
2.75
3
V
VBACKUP = 3.2 V, Measured on pin VCC7 (trigger
monitored though VCCS Idd, UPR comparator)
2.5
2.55
3
Main battery not present
threshold, VBNPR
Measured on pin VCC7 (Triggering monitored on pin
VRTC)
1.9
2.1
2.2
V
Ground current (analog
references +
comparators + backup
battery switch)
VCCx = VBAT = 3.8 V
except VCC6 = 3.6 V
Device in OFF state
8
µA
Device in ACTIVE or SLEEP
state
15
COMP2 consumption when
enabled
5
Buffer consumption if
COMP1 or COMP2 is active
and buffer enabled
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com