Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD263P3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD263P3
Description  5-11 GHz Low Noise Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD263P3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD263P3 Datasheet HTML 1Page - Qorvo, Inc CMD263P3 Datasheet HTML 2Page - Qorvo, Inc CMD263P3 Datasheet HTML 3Page - Qorvo, Inc CMD263P3 Datasheet HTML 4Page - Qorvo, Inc CMD263P3 Datasheet HTML 5Page - Qorvo, Inc CMD263P3 Datasheet HTML 6Page - Qorvo, Inc CMD263P3 Datasheet HTML 7Page - Qorvo, Inc CMD263P3 Datasheet HTML 8Page - Qorvo, Inc CMD263P3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CMD263P3
5-11 GHz Low Noise Amplifier
Data Sheet | November 4, 2021 | Subject to change without notice
1 of 11
www.qorvo.com
®
Product Overview
The CMD263P3 is a broadband MMIC low noise amplifier
housed in a leadless 3x3 mm plastic surface mount QFN
package. The CMD263P3 is ideally suited for microwave
radios and C and X-band applications where small size and
low power consumption are needed. The broadband device
delivers greater than 22 dB of gain with a corresponding
output 1 dB compression point of +11 dBm and a noise
figure of 1.4 dB. The CMD263P3 is a 50 ohm matched
design eliminating the need for external DC blocks and RF
port matching.
Functional Block Diagram
Electrical Performance (Vdd = 3.6 V, TA = 25oC, F = 8 GHz)
)
)
)
)
Parameter
Min
Typ
Max
Units
Frequency Range
5 - 11
GHz
Gain
22
dB
Noise Figure
1.4
dB
Input Return Loss
17
dB
Output Return Loss
13
dB
Output P1dB
11
dBm
Supply Current
32
mA
Key Features
• Ultra Low Noise Figure
• Low Current Consumption
• High Gain Broadband Performance
• Single Supply Voltage: +3.6 V @ 32 mA
• Pb-Free RoHs Compliant 3x3 QFN Package
Ordering Information
Part No.
Description
CMD263P3
100 pcs on 7
’’ reel


Similar Part No. - CMD263P3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD263P3 MMIC-CMD263P3 Datasheet
244Kb / 10P
5-11 GHz Low Noise Amplifier
More results

Similar Description - CMD263P3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD132 MMIC-CMD132 Datasheet
205Kb / 9P
5-11 GHz Low Noise Amplifier
CMD132P3 MMIC-CMD132P3 Datasheet
257Kb / 9P
5-11 GHz Low Noise Amplifier
CMD186P3 MMIC-CMD186P3 Datasheet
244Kb / 10P
6-11 GHz Low Noise Amplifier
CMD229P4 MMIC-CMD229P4 Datasheet
249Kb / 10P
5-11 GHz Low Noise Amplifier
CMD263 MMIC-CMD263 Datasheet
428Kb / 10P
5-11 GHz Low Noise Amplifier
CMD263P3 MMIC-CMD263P3 Datasheet
244Kb / 10P
5-11 GHz Low Noise Amplifier
CMD309P4 MMIC-CMD309P4 Datasheet
248Kb / 12P
5-11 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD271P3 QORVO-CMD271P3 Datasheet
251Kb / 12P
6-11 GHz Low Noise Amplifier
CMD309P4 QORVO-CMD309P4 Datasheet
372Kb / 13P
5-11 GHz Low Noise Amplifier
CMD263 QORVO-CMD263 Datasheet
428Kb / 10P
5-11 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com