Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # LLDB3
Description  ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

LLDB3 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  LLDB3 Datasheet HTML 1Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 2Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 3Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 4Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 5Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
LLDB3
ZENER DIODES
150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
- NOV 2014 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The LLDB3 is available in LL-34 package
Surface device type mounting.
Hermetically Sealed Glass.
Matte Tin (Sn) Terminal Finish
AII external surfaces are corrosion resistant
and terminals are readily solderable.
Available in LL-34 package
ORDERING INFORMATION
Package Type
Part Number
LL-34
LLDB3
Note
SPQ: 2,500pcs/Reel
AiT provides all RoHS Compliant Products
PIN DESCRIPTION
MECHANICAL DATA
Small Signal Diode
Case: MINI-MELF Package
Terminal: Pure tin plated, lead free. solderable per
MIL-STD-202, Method 208 guaranteed
High temperature soldering guaranteed: 260°C /10s
Weight :29 ± 2.5 mg


Similar Part No. - LLDB3

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LLDB3 FORMOSA-LLDB3 Datasheet
410Kb / 4P
DIAC
logo
SEMTECH ELECTRONICS LTD...
LLDB3 SEMTECH_ELEC-LLDB3 Datasheet
166Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Taiwan Semiconductor Co...
LLDB3 TSC-LLDB3 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
logo
Rectron Semiconductor
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
TRIGGER DIODES
More results

Similar Description - LLDB3

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DB-4 LRC-DB-4 Datasheet
48Kb / 4P
Bi-directional trigger diodes
DB-3 LRC-DB-3 Datasheet
55Kb / 4P
Bi-directional trigger diodes
logo
Taiwan Semiconductor Co...
DB3 TSC-DB3 Datasheet
85Kb / 2P
150mW Bi-directional Trigger Diode
LLDB3 TSC-LLDB3 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
logo
Fairchild Semiconductor
DB3-DB3TG FAIRCHILD-DB3-DB3TG Datasheet
188Kb / 4P
150mW Bi-directional Trigger Diodes
logo
Taiwan Semiconductor Co...
LLDB3 TSC-LLDB3_10 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
DB3 TSC-DB3_10 Datasheet
221Kb / 3P
150mW Bi-directional Trigger Diode
LLDB3-L1 TSC-LLDB3-L1 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
LLDB3 TSC-LLDB3_14 Datasheet
171Kb / 5P
150mW Bi-directional Trigger Diode
logo
SHIKUES Electronics
LLDB3 SKTECHNOLGY-LLDB3 Datasheet
600Kb / 3P
150mW Bi-directional Trigger Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com