Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-RHO-F0402L Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # LO-RHO-F0402L
Description  SMD PPTC RESETTABLE FUSE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

LO-RHO-F0402L Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  LO-RHO-F0402L Datasheet HTML 1Page - AiT Semiconductor Inc. LO-RHO-F0402L Datasheet HTML 2Page - AiT Semiconductor Inc. LO-RHO-F0402L Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
Lo Rho F0402L
SMD PPTC RESETTABLE FUSE
REV1.0 - OCT 2017 RELEASED -
- 1 -
Product Features: Small surface mountable, Solid
state, Faster time to trip than standard SMD devices,
Lower resistance than standard SMD devices
Operation Current: 0.10A~0.50A
Maximum Voltage: 6VDC
Temperature Range : -40℃ to 85℃
Applications: All high-density boards
Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Rated
Voltage
Max
Current
Typical
Power
Max Time to Trip
Resistance
Current
Time
RMIN
R1MAX
IH, A
IT, A
VMAX,VDC
IMAX, A
Pd, W
A
Sec
Ohms
Ohms
F0402L010SL-06
0.10
0.30
6
100
0.5
0.5
1.0
0.150
2.000
F0402L020SL-06
0.20
0.50
6
100
0.5
1.0
1.0
0.100
1.250
F0402L035SL-06
0.35
0.70
6
100
0.5
8.0
0.1
0.050
0.700
F0402L050SL-06
0.50
1.00
6
100
0.5
8.0
0.1
0.040
0.400
Thermal Derating for PPTC Device at Various Ambient Temperatures
Temperatures
-40℃
-20℃
0℃
23℃
30℃
40℃
50℃
60℃
70℃
85℃
Current Derating %
145%
130% 115% 100%
92%
84%
77%
69%
61%
50%


Similar Part No. - LO-RHO-F0402L

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
LO-RHO-F0603L AITSEMI-LO-RHO-F0603L Datasheet
196Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F0805L AITSEMI-LO-RHO-F0805L Datasheet
206Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
More results

Similar Description - LO-RHO-F0402L

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
F0603L AITSEMI-F0603L Datasheet
322Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F0805L AITSEMI-F0805L Datasheet
319Kb / 4P
SMD PPTC RESETTABLE FUSE
REV1.0
F1206L AITSEMI-F1206L Datasheet
319Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F1812L AITSEMI-F1812L Datasheet
541Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F2920L AITSEMI-F2920L Datasheet
398Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F0603L AITSEMI-LO-RHO-F0603L Datasheet
196Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1210L AITSEMI-LO-RHO-F1210L Datasheet
206Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1812L AITSEMI-LO-RHO-F1812L Datasheet
194Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com