Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-RHO-F0603L Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # LO-RHO-F0603L
Description  SMD PPTC RESETTABLE FUSE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

LO-RHO-F0603L Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  LO-RHO-F0603L Datasheet HTML 1Page - AiT Semiconductor Inc. LO-RHO-F0603L Datasheet HTML 2Page - AiT Semiconductor Inc. LO-RHO-F0603L Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
Lo Rho F0603L
SMD PPTC RESETTABLE FUSE
REV1.0 - OCT 2017 RELEASED -
- 3 -
Pad Layouts、Solder Reflow and Rework Recommendations
The dimension in the table below provide the recommended pad layout for each F0603L device
Pad dimensions (millimeters)
Device
A
Nominal
B
Nominal
C
Nominal
All F0603L Series
0.80
0.60
0.80
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp) 3℃/second max.
Preheat:
Temperature Min (Tsmin)
Temperature Max Tsmax)
Time (tS Tsmin to Tsmax)
150℃
200℃
60~180 seconds
Time maintained above:
Temperature(TL)
Time (tL)
217℃
60~150 seconds
Peak/Classification Temperature(Tp): 260℃
Time within 5℃ of actual Peak:
Temperature (tp)
20~40 seconds
Ramp-Down Rate:
6℃/second max.
Time 25℃ to Peak Temperature:
8 minutes max.
Note 1: All temperatures refer to of the package,
measured on the package body surface.
Solder reflow
※ Due to “Lead Free” nature, Temperature and
Dwelling time for the soldering zone is higher
than those for Regular. This may cause
damage to other components.
1. Recommended max past thickness > 0.25mm.
2. Devices can be cleaned using standard
methods and aqueous solvent.
3. Rework use standard industry practices.
4. Storage Environment: < 30℃ / 60%RH
Caution:
1. If
reflow
temperatures
exceed
the
recommended profile, devices may not meet
the performance requirements.
2. Devices are not designed to be wave
soldered to the bottom side of the board.
Reflow Profile
NOTE: Specification subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com