Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-RHO-F1210L Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # LO-RHO-F1210L
Description  SMD PPTC RESETTABLE FUSE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

LO-RHO-F1210L Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  LO-RHO-F1210L Datasheet HTML 1Page - AiT Semiconductor Inc. LO-RHO-F1210L Datasheet HTML 2Page - AiT Semiconductor Inc. LO-RHO-F1210L Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
Lo Rho F1210L
SMD PPTC RESETTABLE FUSE
REV1.0 - OCT 2017 RELEASED -
- 1 -
Product Features: Small surface mountable, Solid
state, Faster time to trip than standard SMD devices,
Lower resistance than standard SMD devices
Operation Current: 1.75A~7.50A
Maximum Voltage: 6VDC
Temperature Range : -40℃ to 85℃
Applications: All high-density boards
Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Rated
Voltage
Max
Current
Typ.
Power
Max Time to Trip
Resistance
Current
Time
RMIN
R1MAX
IH, A
IT, A
VMAX,VDC
IMAX, A
Pd, W
A
Sec
Ohms
Ohms
F1210L175SL-06
1.75
3.50
6
100
1.0
8.0
2.50
0.006
0.040
F1210L200SL-06
2.00
4.90
6
100
1.0
8.0
3.00
0.005
0.024
F1210L260SL-06
2.60
5.00
6
100
0.8
8.0
4.00
0.003
0.020
F1210L300SL-06
3.00
6.00
6
100
0.8
15.00
2.00
0.003
0.020
F1210L350SL-06
3.50
7.00
6
100
1.0
17.50
2.00
0.003
0.018
F1210L380SL-06
3.80
8.00
6
100
1.0
8.00
5.00
0.002
0.016
F1210L400SL-06
4.00
8.00
6
100
1.0
8.00
5.00
0.002
0.016
F1210L450SL-06
4.50
9.00
6
100
1.0
22.50
2.00
0.001
0.014
F1210L650SL-06
6.50
13.00
6
100
1.2
32.50
2.00
0.001
0.009
F1210L700SL-06
7.00
14.00
6
100
1.2
35.00
2.00
0.001
0.008
F1210L750SL-06
7.50
15.00
6
100
1.2
37.50
2.00
0.001
0.007
Thermal Derating for PPTC Device at Various Ambient Temperatures
Temperatures
-40℃
-20℃
0℃
23℃
30℃
40℃
50℃
60℃
70℃
85℃
Current Derating %
145%
130% 115% 100%
92%
84%
77%
69%
61%
50%


Similar Part No. - LO-RHO-F1210L

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
More results

Similar Description - LO-RHO-F1210L

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
F0603L AITSEMI-F0603L Datasheet
322Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F0805L AITSEMI-F0805L Datasheet
319Kb / 4P
SMD PPTC RESETTABLE FUSE
REV1.0
F1206L AITSEMI-F1206L Datasheet
319Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F1812L AITSEMI-F1812L Datasheet
541Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F2920L AITSEMI-F2920L Datasheet
398Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F0402L AITSEMI-LO-RHO-F0402L Datasheet
192Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F0603L AITSEMI-LO-RHO-F0603L Datasheet
196Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1812L AITSEMI-LO-RHO-F1812L Datasheet
194Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com