Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2F Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # MB2F
Description  BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MB2F Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  MB2F Datasheet HTML 1Page - AiT Semiconductor Inc. MB2F Datasheet HTML 2Page - AiT Semiconductor Inc. MB2F Datasheet HTML 3Page - AiT Semiconductor Inc. MB2F Datasheet HTML 4Page - AiT Semiconductor Inc. MB2F Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MB1F~MB10F
BRIDGE RECTIFIER
REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
- AUG 2018 RELEASED -
- 4 -
PACKAGE INFORMATION
Dimension in MBF (Unit: mm)
Plastic surface mounted package; 4 leads
The recommended mounting pad size
UNIT
A
C
D
E
HE
d
e
L
L1
a
∠
mm
Max
1.6
0.22
5.0
4.1
7.0
2.7
0.7
1.7
1.1
0.2
7°
Min
1.2
0.15
4.5
3.6
6.4
2.3
0.5
1.3
0.5
-
mil
Max
63
8.7
197
161
276
106
28
67
43
8
Min
47
5.9
177
142
252
91
20
51
20
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com