Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7716 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7716
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7716 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMP7716 Datasheet HTML 5Page - National Semiconductor (TI) LMP7716 Datasheet HTML 6Page - National Semiconductor (TI) LMP7716 Datasheet HTML 7Page - National Semiconductor (TI) LMP7716 Datasheet HTML 8Page - National Semiconductor (TI) LMP7716 Datasheet HTML 9Page - National Semiconductor (TI) LMP7716 Datasheet HTML 10Page - National Semiconductor (TI) LMP7716 Datasheet HTML 11Page - National Semiconductor (TI) LMP7716 Datasheet HTML 12Page - National Semiconductor (TI) LMP7716 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Typical Performance Characteristics Unless otherwise noted: T
A = 25˚C, VS = 5V, VCM =
VS/2. (Continued)
Sinking Current vs. Output Voltage
Output Swing High vs. Supply Voltage
20183654
20183617
Output Swing Low vs. Supply Voltage
Output Swing High vs. Supply Voltage
20183615
20183616
Output Swing Low vs. Supply Voltage
Output Swing High vs. Supply Voltage
20183614
20183618
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com