Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV654 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV654
Description  Quad, 12 MHz, Low Voltage, Low Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV654 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV654 Datasheet HTML 1Page - National Semiconductor (TI) LMV654 Datasheet HTML 2Page - National Semiconductor (TI) LMV654 Datasheet HTML 3Page - National Semiconductor (TI) LMV654 Datasheet HTML 4Page - National Semiconductor (TI) LMV654 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
100V
Differential Input V
ID
±0.3V
Supply Voltage (V
S =V
+ -V−)6V
Input/Output Pin Voltage
V
+ +0.3V, V− −0.3V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 3)
+150˚C
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering Lead Temp (10 sec)
260˚C
Operating Ratings (Note 1)
Temperature Range
−40˚C to 125˚C
Supply Voltage
2.7V to 5.5V
Package Thermal Resistance (
θ
JA)(Note 3)
14-Pin TSSOP
TBD˚C/W
3V DC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 3V, V− = 0V, V
O =VCM =V
+/2, and R
L > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
–0.1
±1.8
mV
TC V
OS
Input Offset Average Drift
6.6
µV/˚C
I
B
Input Bias Current
(Note 6)
80
120
nA
I
OS
Input Offset Current
2.2
15
nA
CMRR
Common Mode Rejection Ratio
0
≤ V
CM
≤ 2.0 V
87
100
dB
PSRR
Power Supply Rejection Ratio
3.0
≤ V+ ≤ 5V, V
CM = 0.5
87
95
dB
2.7
≤ V+ ≤ 5.5V, V
CM = 0.5
87
95
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 75 dB
0
2.1
V
A
VOL
Large Signal Voltage Gain
0.3
≤ V
O
≤ 2.7, R
L =2k
Ω to V+/2
80
85
dB
0.3
≤ V
O
≤ 2.7, R
L =10k
Ω to V+/2
86
93
V
O
Output Swing High
R
L =2k
Ω to V+/2
80
95
mV from
rail
R
L =10k
Ω to V+/2
45
50
Output Swing Low
R
L =2k
Ω to V+/2
95
110
R
L =10k
Ω to V+/2
60
65
I
SC
Output Short Circuit Current
Sourcing to V
+/2
V
ID= 100 mV (Note 8)
14
17
mA
Sinking from V
+/2
V
ID = −100 mV (Note 8)
45
50
I
S
Supply Current per Amplifier
119
µA
SR
Slew Rate
A
V = +1,
10% to 90% (Note 7)
3.3
V/µs
GBW
Gain Bandwidth Product
12
MHz
e
n
Input-Referred Voltage Noise
f = 100 kHz
17
nV/
f = 1 kHz
17
i
n
Input-Referred Current Noise
f = 100 kHz
0.15
pA/
f = 1 kHz
0.1
THD
Total Harmonic Distortion
f = 1 kHz, A
V =2,RL = 600
Ω
0.003
%
www.national.com
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com