| Electronic Components Datasheet Search |
|
LNBP8 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LNBP8 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 8 page ![]() LNBP8 - LNBP9 3/8 Figure 2: Block Diagram Table 5: Electrical Characteristics (VCC1 = 16V, VCC2 = 22V, CI1 = CI2 = 0.22µF, CO =0.1µF, ENABLE = H, TONE = L (LNBP9), EXTM floating (LNBP8), IO = 50mA, TJ = 0 to 85°C unless otherwise specified.) Symbol Parameter Test Conditions Min. Typ. Max. Unit VCC1 VCC Supply Input 1 IO = 500 mA, TONE = H, VSEL = L 15 25 V VCC2 VCC Supply Input 2 IO = 500 mA, TONE = H, VSEL = H 22 25 V VO Output Voltage IO = 500 mA, VSEL = L 12.5 13 13.5 V IO = 500 mA, VSEL = H 17.3 18 18.7 V ∆V O Line Regulation VCC1 = 15 to 18V, VSEL = L 4 40 mV VCC2 = 22 to 25V, VSEL = H 4 40 ∆V O Load Regulation VCC1 = VCC2 = 22V, IO = 50 to 500mA VSEL = L or H 80 180 mV IMAX Output Current Limiting 500 800 mA fTONE Tone Frequency LNBP9 version, TONE = H 20 22 24 KHz ATONE Tone Amplitude LNBP9 version, TONE = H 0.55 0.72 0.9 V DTONE Tone Duty Cycle LNBP9 version, TONE = H 40 50 60 % tr, tf Tone Rise and Fall Time LNBP9 version, TONE = H 5 10 15 µs GEXTM External Modulation Gain LNBP8 version, ∆V O/∆VEXTM, f = 10Hz to 40KHz 5 VEXTM External Modulation Input Voltage LNBP8 version, AC Coupling 400 mV ZEXTM External Modulation Impedance LNBP8 version, f = 10Hz to 40KHz 400 Ω VIL Control Input Logic LOW ENABLE, TONE (LNBP9 version), VSEL 0.8 V VIH Control Input Logic HIGH ENABLE, TONE (LNBP9 version), VSEL 2.5 V IIH Control Pins Input Current VIH = 5V, ENABLE, TONE (LNBP9 version), VSEL 20 µA ICC Supply Current Output Disabled (ENABLE = L) 0.3 1 mA Output Enabled (ENABLE = H), TONE = H IO = 500mA 36 mA TSHDN Temperature Shutdown 150 °C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |