Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA721 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA721
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA721 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA721 Datasheet HTML 1Page - Panasonic Semiconductor MA721 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Schottky Barrier Diodes (SBD)
2
MA3X721
IF  VF
IR  VR
VF  Ta
Ct  VR
IR  Ta
10−2
0
0.1
0.2
0.3
0.4
0.5
0.6
10−1
1
10
102
103
Forward voltage V
F
(V)
Ta
= 150°C
− 20°C
100
°C 25°C
0
0.1
0.2
0.3
0.4
0.5
−40
0
40
80
120
160
200
Ambient temperature T
a
(
°C)
IF
= 200 mA
100 mA
1 mA
10−1
0
5
10
15
20
25
30
105
104
103
102
10
1
Reverse voltage V
R
(V)
Ta
= 150°C
100
°C
25
°C
0
4
8
12
16
20
24
28
32
0
5
10
15
20
25
30
Reverse voltage V
R
(V)
f
= 1 MHz
Ta
= 25°C
1
−40
0
40
80
120
160
200
10
102
103
104
105
Ambient temperature T
a
(
°C)
VR
= 30 V
10 V
5 V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com