Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BISC-521-PVC-02 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BISC-521-PVC-02
Description  Single-Ended Cordsets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BISC-521-PVC-02 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BISC-521-PVC-02 Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Single-Ended Cordsets
BIS C-521-PVC-02
Order Code: BCC00PK
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 281398
ETIM 6.0: EC001855
BCC00PK_0.48_2022-07-15
1 / 1
1) Cable length see text
Basic features
Approval/Conformity
CE
UKCA
EAC
WEEE
Electrical connection
Cable
PVC Shielded gray, 2 m
Cable diameter D
5.80 mm
Conductor cross-section
0.25 mm²
Connection
D-Sub-Female, straight, 9-pin
Connector configuration
Straight
Number of conductors
4
Number of pins
9
Electrical data
Operating voltage Ub
125 VDC / 125 VAC
Rated current (40 °C)
7.5 A
Environmental conditions
Cable temperature, fixed routing
-30...80 °C
Cable temperature, flexible routing
-5...80 °C
IP rating
IP40
Material
Cable jacket material, note
Shielded
Cable jacket, material
PVC
Mechanical data
Cable jacket, color
gray
Cable length L
2.00 m
Remarks
Connection cable: for internal service port RS 232 (on terminal strip) for connecting to PC.
1x MIN D female 9-pin threaded on with 3-conductor cable end incl. end ferrules
Enclosure rating per IEC 60529 or ISO 20653, only in screwed state with the associated mating piece.


Similar Part No. - BISC-521-PVC-02

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BISC-100-05/A BALLUFF-BISC-100-05/A Datasheet
101Kb / 2P
LF (70/455 kHz)
BISC-103-05/A BALLUFF-BISC-103-05/A Datasheet
100Kb / 2P
LF (70/455 kHz)
BISC-104-11/A BALLUFF-BISC-104-11/A Datasheet
104Kb / 2P
LF (70/455 kHz)
BISC-108-05/L BALLUFF-BISC-108-05/L Datasheet
104Kb / 2P
LF (70/455 kHz)
BISC-108-11/L BALLUFF-BISC-108-11/L Datasheet
103Kb / 2P
LF (70/455 kHz)
More results

Similar Description - BISC-521-PVC-02

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com