Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP8V7V Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBP8V7V
Description  LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP8V7V Datasheet(HTML) 1 Page - STMicroelectronics

  LNBP8V7V Datasheet HTML 1Page - STMicroelectronics LNBP8V7V Datasheet HTML 2Page - STMicroelectronics LNBP8V7V Datasheet HTML 3Page - STMicroelectronics LNBP8V7V Datasheet HTML 4Page - STMicroelectronics LNBP8V7V Datasheet HTML 5Page - STMicroelectronics LNBP8V7V Datasheet HTML 6Page - STMicroelectronics LNBP8V7V Datasheet HTML 7Page - STMicroelectronics LNBP8V7V Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
November 2004
s
SIMPLEST INTEGRATED SOLUTION FOR
THE LNB REMOTE SUPPLY AND CONTROL
s
500mA GUARANTEED OUTPUT CURRENT
s
DUAL INPUT SUPPLY FOR REDUCING
POWER DISSIPATION
s
22KHZ BUILT-IN TONE OSCILLATOR
(LNBP9 VERSION)
s
FAST OSCILLATOR START-UP FOR
DiSEqCTM ENCODING (LNBP9 VERSION)
s
AUXILIARY MODULATION INPUT FOR
MORE FLEXIBILITY (LNBP8 VERSION)
s
STAND-BY FUNCTION
s
SHORT CIRCUIT AND
OVERTEMPERATURE PROTECTION
s
AVAILABLE IN THRU-HOLE PACKAGE
DESCRIPTION
Intended for analog and digital satellite receivers,
the LNBP is a monolithic linear voltage regulator,
assembled in HeptawattTM, specifically designed
to
provide
the
powering
voltages
and
the
interfacing signals to the LNB down-converter.
The regulator output can be logic controlled to be
13V or 18V (typ.) by mean of the VSEL pin for the
remote controlling of the LNB. In order to reduce
the power dissipation of the device when the
lowest output voltage is selected, the regulator
has 2 supply inputs (VCC1 and VCC2). They must
be powered respectively at 15V (min.) and 22V
(min.), and an internal switch will automatically
select the appropriate supply voltage according to
the selected output voltage.
The TONE pin (only for the LNBP9 version)
activates the internal oscillator so that the DC
output is modulated by a 22KHz square wave.
This internal oscillator is factory trimmed within a
tolerance of +/- 2KHz, thus no further adjustment
or external components are required.
A burst coding of the 22KHz tone can be
accomplished thanks to the fast response of the
TONE input and the prompt oscillator start-up.
This helps designers which want to implement the
DiSEqCTM protocols.
In order to improve design flexibility and to allow
implementation of other LNB remote control
standards, an analogic modulation input pin
(EXTM) is available (LNBP8 version only). An
appropriate DC blocking capacitor must be used
to couple the modulating signal source to the
EXTM pin.
Both versions integrate thermal and short circuit
protection.
The device is packaged in Heptawatt for an easy
thru-hole mounting. If an adequate Heatsink is
provided and higher power losses are acceptable,
both supply pins can be powered by the same 23V
source
without
affecting
any
other
circuit
performance.
When the IC is powered and put in Stand-by (EN
pin LOW), the regulator output is disabled and the
IC power consumption is reduced to 300µA typ.
Table 1: Order Codes
TYPE
HEPTAWATT
LNBP8
LNBP8V7V
LNBP9
LNBP9V7V
LNBP8
LNBP9
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
Heptawatt
Rev. 1


Similar Part No. - LNBP8V7V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
LNBP8K7 STMICROELECTRONICS-LNBP8K7 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
LNBP8K7-R STMICROELECTRONICS-LNBP8K7-R Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
500 mA guaranteed output current
11-Nov-2008
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
More results

Similar Description - LNBP8V7V

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8292 ALLEGRO-A8292 Datasheet
408Kb / 19P
Dual LNB Supply and Control Voltage Regulator
February 15, 2012
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
Single LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
Single LNB Supply and Control Voltage Regulator
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com