Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATREF501 Datasheet(PDF) 1 Page - Analog Technologies, Inc.

Part # ATREF501
Description  High Precision Voltage Reference
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATREF501 Datasheet(HTML) 1 Page - Analog Technologies, Inc.

  ATREF501 Datasheet HTML 1Page - Analog Technologies, Inc. ATREF501 Datasheet HTML 2Page - Analog Technologies, Inc. ATREF501 Datasheet HTML 3Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Copyrights 2000-2021, Analog Technologies, Inc. All Rights Reserved. Updated on 6/12/2021
Email: staff@analogti.com/sales@analogti.com
1
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Analog Technologies
ATREF500
High Precision Voltage Reference
Figure 1. The Photos of Voltage Reference ATREF500.
FEATURES
Accuracy: ±1μV
High Reliability
Zero EMI
Compact Size
Ultralow Noise: 100nVP-P @0.1Hz to 10Hz
Temperature Coefficient: 1ppm/
°C
Wide Temperature Range: −40
°C~125°C
High Output Source and Sink Current:
+10mA and −5mA, Respectively
Low Dropout Operation (Supply Voltage Headroom):
500mV
100 % Lead (Pb)-Free and RoHS Compliant
APPLICATIONS
This voltage reference can be used in high precision
industrial applications, data acquisition systems, high
resolution ADCs or DACs, optical control circuits, medical
instruments, etc.
DESCRIPTION
The 3-terminal voltage reference features high accuracy,
ultra low noise, and low temperature drift, which is a best
choice for optical applications and high end data acquisition
systems, etc. The output voltage change is ±1μV when the
input voltage, temperature or the output current changes.
Figure 1 shows the photos of voltage reference.
It comes with a curvature-correction circuit and laser-
trimmed thin-film resistors so that a low temperature
coefficient of 1ppm/°C can be achieved. This voltage
reference draws as low as 90μA of supply current and can
source 10mA or sink −5mA of load current. It provides a
supply current that is virtually independent of the supply
voltage and do not need an external resistor, which is better
than those conventional two-terminal references that need an
external resistor. Moreover, this voltage reference is
internally compensated so that no external compensation
capacitor is needed. This helps save valuable board space for
most applications. Its low dropout voltage and low supply
current make these devices ideal for battery-powered and
low voltage systems.
Figure 1 is the photos of this voltage reference. Figure 2 is
the real size top view of the voltage reference showing the
pin names and locations with the actual size. The pin
functions are shown in Table 1.
Figure 2. Pin Names and Locations


Similar Part No. - ATREF501

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ATR-1 PAIRUI-ATR-1 Datasheet
473Kb / 4P
AC-DC Converter
logo
Shanghai Toplite Techno...
ATR-AR38 TOPLITE-ATR-AR38 Datasheet
538Kb / 11P
SPECIFICATIONS FOR TOPLITE COB MODULE
logo
Elma Electronic Ltd
ATR-PLATFORM ELMA-ATR-PLATFORM Datasheet
808Kb / 2P
Liquid Flow-Through (LFT) ATR Platform VITA 48.4
logo
Shanghai Toplite Techno...
ATR-R27-4W TOPLITE-ATR-R27-4W Datasheet
913Kb / 10P
SPECIFICATIONS FOR TOPLITE COB MODULE
logo
List of Unclassifed Man...
ATR-S0105 ETC1-ATR-S0105 Datasheet
185Kb / 5P
155Mbps Single Mode SFP Transceiver (80km)
More results

Similar Description - ATREF501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD588 AD-AD588 Datasheet
3Mb / 12P
High Precision Voltage Reference
2/03-Data Sheet changed from REV. C to REV. D.
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
logo
Microchip Technology
MCP1501 MICROCHIP-MCP1501 Datasheet
1Mb / 36P
High-Precision Buffered Voltage Reference
07/14/15
logo
Texas Instruments
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
High-Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
logo
Microchip Technology
MCP1502 MICROCHIP-MCP1502 Datasheet
18Mb / 28P
High-Precision Buffered Voltage Reference
Revision A September 2021
MCP1501 MICROCHIP-MCP1501_V01 Datasheet
13Mb / 39P
High-Precision Buffered Voltage Reference
Revision G February 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com